Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATREF503 Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATREF503
Description  High Precision Voltage Reference
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATREF503 Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATREF503 Datasheet HTML 1Page - Analog Technologies, Inc. ATREF503 Datasheet HTML 2Page - Analog Technologies, Inc. ATREF503 Datasheet HTML 3Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyrights 2000-2021, Analog Technologies, Inc. All Rights Reserved. Updated on 6/12/2021
Email: staff@analogti.com/sales@analogti.com
2
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Analog Technologies
ATREF500
High Precision Voltage Reference
SELECTION GUIDE
Table 1. Selection Guide.
Part #
VOUT (V)
Initial
Accuracy
(μV)
Temperature
Coefficient
(ppm/
°C)
ATREF500
2.048
±1
1
ATREF501
2.500
±1
1
ATREF502
3.000
±1
1
ATREF503
4.096
±1
1
ATREF504
5.000
±1
1
SPECIFICATIONS
Table 2. Pin Function Descriptions
Pin
#
Pin Name
Type
Description
1
VOUT
Analog Output
Output voltage.
2
GND
Signal Ground
Signal ground pin.
3
VIN
Power Input
Power supply voltage.
Table 3. Characteristics.
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range
VIN
VOUT + 0.5
18
V
Input Current
IIN
10
18
20
mA
Voltage Output
Output Voltage
VOUT
2.048
5
V
Output Current
IOUT
5
10
10
mA
Temperature Drift
TCVOUT
1
ppm/°C
Operating Temp. Range
‒
40
125
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com