Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL05024 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # CBTL05024
Description  High performance multiplexer/demultiplexer switch for Thunderbolt applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL05024 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button CBTL05024 Datasheet HTML 9Page - NXP Semiconductors CBTL05024 Datasheet HTML 10Page - NXP Semiconductors CBTL05024 Datasheet HTML 11Page - NXP Semiconductors CBTL05024 Datasheet HTML 12Page - NXP Semiconductors CBTL05024 Datasheet HTML 13Page - NXP Semiconductors CBTL05024 Datasheet HTML 14Page - NXP Semiconductors CBTL05024 Datasheet HTML 15Page - NXP Semiconductors CBTL05024 Datasheet HTML 16Page - NXP Semiconductors CBTL05024 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
CBTL05024
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 27 March 2014
13 of 21
NXP Semiconductors
CBTL05024
High performance MUX/deMUX switch for Thunderbolt applications
9.5 Integrated LSRX buffer characteristics
9.6 Bias resistor characteristics
Table 19.
LSRX buffer characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth(LH)
positive-going threshold voltage
input; VDD =3.3 V  10 %
0.9
1.1
1.24
V
input; VDD = 2.3 V
0.8
0.9
1.02
V
Vth(HL)
negative-going threshold voltage
input; VDD =3.3 V  10 %
0.58
0.7
0.84
V
input; VDD = 2.3 V
0.5
0.57
0.63
V
VOL
LOW-level output voltage
IOL =2mA; VDD =3V
-
0.2
0.4
V
IOL =0.5 mA; VDD =2.3 V
-
0.1
0.2
V
VOH
HIGH-level output voltage
pull-up voltage; IOH = 2mA;
VDD =3 V
2.5
--V
pull-up voltage; IOH = 0.5 mA;
VDD =2.3 V
2.1
--V
tPD
propagation delay
load capacitance CL = 8 pF
-
2
10
ns
Table 20.
Characteristics of AUXIO+ pin in DP/DP++ mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rpd
pull-down resistance
resistor R2;
AUXIO_EN = 1, TB_ENA = DP_PD = 0
68
85
102
k
Table 21.
Characteristics of AUXIO
 pin in DP/DP++ mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RPU
pull-up resistance
resistor R3;
AUXIO_EN = 1, TB_ENA = DP_PD = 0
68
85
102
k
Table 22.
Characteristics of DPMLO
 pin in TB mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rpd
pull-down resistance
resistor R1;
AUXIO_EN = TB_ENA = DP_PD = 1
0.81
1.2M
Table 23.
Characteristics of LSTX pin
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RPU
pull-up resistance
resistor R4
7
8.75
10.5
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com