Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD103C Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # MSD103C
Description  SCHOTTKY DIODES SCHOTTKY BARRIER SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MSD103C Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  MSD103C Datasheet HTML 1Page - AiT Semiconductor Inc. MSD103C Datasheet HTML 2Page - AiT Semiconductor Inc. MSD103C Datasheet HTML 3Page - AiT Semiconductor Inc. MSD103C Datasheet HTML 4Page - AiT Semiconductor Inc. MSD103C Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MSD103A~MSD103C
SCHOTTKY DIODES
SCHOTTKY BARRIER SWITCHING DIODE
REV1.0
- JAN 2012 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The MSD103A~MSD103C are available in
SOD-123 package.
Low Forward Voltage Drop
Guard Ring Construction for Transient
Protection
Negligible Reverse Recovery Time
Low Reverse Capacitance
Also Available in Lead Free Version
Available in SOD-123 package
ORDERING INFORMATION
Package Type
Part Number
SOD-123
MSD103A
MSD103B
MSD103C
Note
3,000pcs/ Reel
AiT provides all RoHS Compliant Products
MECHANICAL DATA
Case: SOD-123, Plastic
Case material - UL Flammability Rating
Classification 94V-0
Moisture sensitivity: Level 1 per J-STD-020A
Polarity: Cathode Band
Leads: Solderable per MIL-STD-202,
Method 208
Also Available in Lead Free Plating
(Matte Tin Finish).
Weight: 0.01 grams (approx.)
PIN DESCRIPTION


Similar Part No. - MSD103C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
List of Unclassifed Man...
MSD100 ETC2-MSD100 Datasheet
187Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Microsemi Corporation
MSD100-08 MICROSEMI-MSD100-08 Datasheet
131Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
List of Unclassifed Man...
MSD100-08 ETC2-MSD100-08 Datasheet
187Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Microsemi Corporation
MSD100-12 MICROSEMI-MSD100-12 Datasheet
131Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
More results

Similar Description - MSD103C

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KB160VA-30 KEXIN-KB160VA-30 Datasheet
31Kb / 1P
Schottky Barrier Switching Diodes
KD103AW KEXIN-KD103AW Datasheet
37Kb / 1P
Schottky Barrier Switching Diodes
logo
AiT Semiconductor Inc.
B5817W AITSEMI-B5817W Datasheet
566Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB050L-40 AITSEMI-RB050L-40 Datasheet
454Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB491D AITSEMI-RB491D Datasheet
447Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB520S-30 AITSEMI-RB520S-30 Datasheet
427Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.2
RB521S-30 AITSEMI-RB521S-30 Datasheet
560Kb / 6P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
RB550V-30 AITSEMI-RB550V-30 Datasheet
615Kb / 7P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
RB551V-30 AITSEMI-RB551V-30 Datasheet
424Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB751V-40 AITSEMI-RB751V-40 Datasheet
436Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com