Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIO1608-331M Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # PIO1608-331M
Description  POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIO1608-331M Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  PIO1608-331M Datasheet HTML 1Page - AiT Semiconductor Inc. PIO1608-331M Datasheet HTML 2Page - AiT Semiconductor Inc. PIO1608-331M Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIO
●ELECTRICAL CHARACTERISTICS
PART
NUMBER
L
(µH)
SRF
(MHz) typ
RDC
(Ω)Max
Isat
(A)
Irms
(A)
PIO1608-1R0M
1.0±20%
130
0.05
2.9
2.9
PIO1608-1R5M
1.5±20%
115
0.06
2.6
2.8
PIO1608-2R2M
2.2±20%
100
0.07
2.3
2.4
PIO1608-2R7M
2.7±20%
75
0.08
2.1
2.1
PIO1608-3R3M
3.3±20%
70
0.08
2.0
2.0
PIO1608-4R7M
4.7±20%
50
0.09
1.5
1.5
PIO1608-6R8M
6.8±20%
45
0.13
1.2
1.4
PIO1608-8R2M
8.2±20%
40
0.16
1.15
1.3
PIO1608-100M
10±20%
35
0.16
1.1
1.2
PIO1608-150M
15±20%
30
0.23
0.9
1.1
PIO1608-220M
22±20%
20
0.37
0.70
0.80
PIO1608-330M
33±20%
15
0.51
0.58
0.60
PIO1608-470M
47±20%
14
0.64
0.50
0.50
PIO1608-680M
68±20%
11
0.86
0.40
0.40
PIO1608-101M
100±20%
9
1.27
0.31
0.30
PIO1608-151M
150±20%
6
2.00
0.27
0.25
PIO1608-221M
220±20%
5.5
3.11
0.22
0.20
PIO1608-331M
330±20%
5
3.80
0.18
0.16
PIO1608-471M
470±20%
4
5.06
0.16
0.15
PIO1608-681M
680±20%
3
9.20
0.14
0.12
PIO1608-102M
1000±20%
2
13.8
0.10
0.07
Note1. Measurement frequency of Inductance value : at 100kHz, 0.1V
Note2. Measurement ambient temperature of L, DCR and IDC: at 25°C
Note3. Isat: DC current at which the inductance drops 10%(typ) from its value without current
Note4. Irms: Average current for 40°C temperature rise from 25°C ambient
Note5. Inductance tolerance: M: ±20%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com