Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4921 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP4921
Description  12-Bit DAC with SPI??Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4921 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP4921 Datasheet HTML 13Page - Microchip Technology MCP4921 Datasheet HTML 14Page - Microchip Technology MCP4921 Datasheet HTML 15Page - Microchip Technology MCP4921 Datasheet HTML 16Page - Microchip Technology MCP4921 Datasheet HTML 17Page - Microchip Technology MCP4921 Datasheet HTML 18Page - Microchip Technology MCP4921 Datasheet HTML 19Page - Microchip Technology MCP4921 Datasheet HTML 20Page - Microchip Technology MCP4921 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2004 Microchip Technology Inc.
DS21897A-page 17
MCP4921/4922
4.1
Circuit Descriptions
4.1.1
OUTPUT AMPLIFIERS
The DACs’
outputs are buffered with a low-power,
precision CMOS amplifier. This amplifier provides low
offset voltage and low noise. The output stage enables
the device to operate with output voltages close to the
power supply rails. Refer to Section 1.0 “Electrical
Characteristics” for range and load conditions.
In addition to resistive load driving capability, the ampli-
fier will also drive high capacitive loads without oscilla-
tion. The amplifiers’ strong outputs allow VOUT to be
used as a programmable voltage reference in a
system.
Selecting a gain of 2 reduces the bandwidth of the
amplifier in Multiplying mode. Refer to Section 1.0
“Electrical Characteristics” for the Multiplying mode
bandwidth for given load conditions.
4.1.1.1
Programmable Gain Block
The rail-to-rail output amplifier has configurable gain
allowing optimal full-scale outputs for differing voltage
reference inputs. The output amplifier gain has two
selections, a gain of 1 V/V (GA = 1) or a gain of 2 V/V
(GA = 0).
The output range is ideally 0.000V to 4095/4096 * VREF
when G = 1, and 0.000 to 4095/4096 * VREF when
G = 2. The default value for this bit is a gain of 2, yield-
ing an ideal full-scale output of 0.000V to 4.096V when
utilizing a 2.048V VREF. Note that the near rail-to-rail
CMOS output buffer’s ability to approach AVSS and
VDD establish practical range limitations. The output
swing specification in Section 1.0 “Electrical Charac-
teristics” defines the range for a given load condition.
4.1.2
VOLTAGE REFERENCE
AMPLIFIERS
The input buffer amplifiers for the MCP492X devices
provide low offset voltage and low noise. A configura-
tion bit for each DAC allows the VREF input to bypass
the input buffer amplifiers, achieving a Buffered or
Unbuffered mode. The default value for this bit is
unbuffered. Buffered mode provides a very high input
impedance, with only minor limitations on the input
range and frequency response. Unbuffered mode
provides a wide input range (0V to VDD), with a typical
input impedance of 165 k
Ω w/7 pF.
4.1.3
POWER-ON RESET CIRCUIT
The Power-On Reset (POR) circuit ensures that the
DACs power-up with SHDN = 0 (high-impedance). The
devices will continue to have a high-impedance output
until a valid write command is performed to either of the
DAC registers and the LDAC pin meets the input low
threshold.
If the power supply voltage is less than the POR
threshold (VPOR = 2.0V, typical), the DACs will be held
in their reset state. They will remain in that state until
VDD > VPOR and a subsequent write command is
received.
Figure 4-3 shows a typical power supply transient
pulse and the duration required to cause a reset to
occur, as well as the relationship between the duration
and trip voltage. A 0.1 µF decoupling capacitor
mounted as close as possible to the VDD pin provides
additional transient immunity.
FIGURE 4-3:
Typical Transient
Response.
4.1.4
SHUTDOWN MODE
Shutdown mode can be entered by using either hard-
ware or software commands. The hardware pin
(SHDN) is only available on the MCP4922. During
Shutdown mode, the supply current is isolated from
most of the internal circuitry. The serial interface
remains active, thus allowing a write command to
bring the device out of Shutdown mode. When the
output amplifiers are shut down, the feedback resis-
tance (typically 500 k
Ω) produces a high-impedance
path to AVSS. The device will remain in Shutdown
mode until the SHDN pin is brought high and a write
command with
SD = 1 is latched into the device.
When a DAC is changed from Shutdown to Active
mode, the output settling time takes < 10 µs, but
greater than the standard Active mode settling time
(4.5 µs).
Transients above the curve
will cause a reset
Transients below the curve
will NOT cause a reset
5V
Time
Transient Duration
VPOR
VDD - VPOR
TA = +25°C
10
8
6
4
2
0
123
4
5
VDD – VPOR (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com