Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU5D12-R47M Datasheet(PDF) 12 Page - AiT Semiconductor Inc.

Part # PIU5D12-R47M
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU5D12-R47M Datasheet(HTML) 12 Page - AiT Semiconductor Inc.

Back Button PIU5D12-R47M Datasheet HTML 6Page - AiT Semiconductor Inc. PIU5D12-R47M Datasheet HTML 7Page - AiT Semiconductor Inc. PIU5D12-R47M Datasheet HTML 8Page - AiT Semiconductor Inc. PIU5D12-R47M Datasheet HTML 9Page - AiT Semiconductor Inc. PIU5D12-R47M Datasheet HTML 10Page - AiT Semiconductor Inc. PIU5D12-R47M Datasheet HTML 11Page - AiT Semiconductor Inc. PIU5D12-R47M Datasheet HTML 12Page - AiT Semiconductor Inc. PIU5D12-R47M Datasheet HTML 13Page - AiT Semiconductor Inc. PIU5D12-R47M Datasheet HTML 14Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
PART NUMBER
L
(uH)
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
PIU5D20-R47M
0.47±20%
0.0200
4.00
3.59
PIU5D20-1R2M
1.2±20%
0.0275
2.55
3.07
PIU5D20-1R5M
1.5±20%
0.0312
2.15
2.88
PIU5D20-2R2M
2.2±20%
0.0429
1.87
2.45
PIU5D20-3R3M
3.3±20%
0.0547
1.47
2.17
PIU5D20-4R7M
4.7±20%
0.0612
1.33
2.05
PIU5D20-6R2M
6.2±20%
0.0720
1.12
1.89
PIU5D20-8R2M
8.2±20%
0.1000
0.966
1.61
PIU5D20-100M
10±20%
0.1100
1.000
1.53
PIU5D20-150M
15±20%
0.1655
0.718
1.25
PIU5D20-220M
22±20%
0.2053
0.596
1.12
PIU5D20-330M
33±20%
0.3100
0.491
0.913
PIU5D20-470M
47±20%
0.4650
0.406
0.745
PIU5D20-680M
68±20%
0.6947
0.337
0.610
PIU5D20-820M
82±20%
0.7785
0.308
0.576
PIU5D20-101M
100±20%
1.06
0.283
0.495
PIU5D20-151M
150±20%
1.37
0.228
0.435
PIU5D20-221M
220±20%
2.04
0.188
0.356
PIU5D20-331M
330±20%
2.99
0.155
0.294
PIU5D20-471M
470±20%
3.74
0.129
0.263
PIU5D20-681M
680±20%
5.56
0.107
0.216
PIU5D20-821M
820±20%
6.22
0.098
0.204
PIU5D20-102M
1000±20%
8.73
0.088
0.172
Note: Measurement frequency of Inductance value : at 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com