Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04 Datasheet(PDF) 32 Page - Microchip Technology

Part # 25CSM04
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04 Datasheet(HTML) 32 Page - Microchip Technology

Back Button 25CSM04 Datasheet HTML 28Page - Microchip Technology 25CSM04 Datasheet HTML 29Page - Microchip Technology 25CSM04 Datasheet HTML 30Page - Microchip Technology 25CSM04 Datasheet HTML 31Page - Microchip Technology 25CSM04 Datasheet HTML 32Page - Microchip Technology 25CSM04 Datasheet HTML 33Page - Microchip Technology 25CSM04 Datasheet HTML 34Page - Microchip Technology 25CSM04 Datasheet HTML 35Page - Microchip Technology 25CSM04 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
25CSM04
DS20005817D-page 32
 2019-2022 Microchip Technology Inc. and its subsidiares
9.2.2
DETERMINING THE LOCK STATE
OF THE SECURITY REGISTER
To determine whether or not the user-programmable
lockable ID page of the Security register is locked, the
25CSM04 includes a CHLK instruction to check the lock
state. To determine the lock status, the opcode 83h
must be clocked into the device on the SI line. The
address bit A10 must be equal to logic ‘1’ while the
other address bits are “don’t care”. Data bit 0 of the
data byte clocked out on the SO line determines the
lock state, the other bits of the data byte are “don’t care”
bits. A data response of xxxxxxx1b indicates the
region is locked, while a xxxxxxx0b response
indicates that the region is not locked.
FIGURE 9-5:
CHECK SECURITY REGISTER LOCK (CHLK) SEQUENCE
Note 1: A23 through A0 are “don’t care” bits, except A10 which must be a logic ‘1’.
CS
SCK
1
0
234
567
8
910 11 12
40 41
39
38
37
36
35
34
33
32
31
30
29
10 0 0 00 11
A A A
RDEX Opcode (83h)
Address Bits A23-A0(1)
XXX X X X
SI
Data Out
SO
MSb
MSb
MSb
High-Impedance
D7
D5 D4 D3 D2 D1 D0
D6
SCK
1
0
234
567
8
910 11 12
40 41
39
38
37
36
35
34
33
32
31
30
29
xxxxxxx1b = Locked
xxxxxxx0b = Unlocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com