Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23K256-I/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # 23K256-I/ST
Description  256-Kbit SPI Bus Low-Power Serial SRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K256-I/ST Datasheet(HTML) 1 Page - Microchip Technology

  23K256-I/ST Datasheet HTML 1Page - Microchip Technology 23K256-I/ST Datasheet HTML 2Page - Microchip Technology 23K256-I/ST Datasheet HTML 3Page - Microchip Technology 23K256-I/ST Datasheet HTML 4Page - Microchip Technology 23K256-I/ST Datasheet HTML 5Page - Microchip Technology 23K256-I/ST Datasheet HTML 6Page - Microchip Technology 23K256-I/ST Datasheet HTML 7Page - Microchip Technology 23K256-I/ST Datasheet HTML 8Page - Microchip Technology 23K256-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
 2008-2022 Microchip Technology Inc. and its subsidiaries
DS20002100G-page 1
23A256/23K256
Features
• Maximum Clock 20 MHz
• Low-Power CMOS Technology:
- Read Current: 3 mA at 1 MHz
- Standby Current: 4 µA maximum at +85°C
• 32,768 x 8-bit Organization
• 32-Byte Page
•HOLD Pin
• Flexible Operating Modes:
- Byte read and write
- Page mode (32-Byte Page)
- Sequential mode
• Sequential Read/Write
• High Reliability
• Temperature Ranges Supported:
• Pb-Free and RoHS Compliant, Halogen Free
• Automotive AEC-Q100 Qualified
Description
The Microchip Technology Inc. 23X256 are 256-Kbit
Serial SRAM devices. The memory is accessed via a
simple Serial Peripheral Interface (SPI) compatible
serial bus. The bus signals required are a clock input
(SCK) plus separate data in (SI) and data out (SO)
lines. Access to the device is controlled through a Chip
Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused,
transitions on its inputs will be ignored, with the
exception of Chip Select, allowing the host to service
higher priority interrupts.
Packages
• 8-lead PDIP
• 8-lead SOIC
• 8-lead TSSOP
Package Types (not to scale)
Device Selection Table
Part Number
VCC Range
Page Size
Temperature Ranges
Packages
23K256
2.7V-3.6V
32 Byte
I, E
P, SN, ST
23A256
1.5V-1.95V
32 Byte
I
P, SN, ST
- Industrial (I):
- Extended (E):
-40
C
-40
C
to
to
+85
C
+125
C
Pin Function Table
Name
Function
CS
Chip Select Input
SO
Serial Data Output
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
Note:
23X256 is used in this document as a
generic
part
number
for
the
23A256/23K256 devices.
CS
SO
NC
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIC/TSSOP
256-Kbit SPI Bus Low-Power Serial SRAM


Similar Part No. - 23K256-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23K256-I/ST MICROCHIP-23K256-I/ST Datasheet
368Kb / 26P
256K SPI Bus Low-Power Serial SRAM
2010
23K256-I/ST MICROCHIP-23K256-I/ST Datasheet
563Kb / 28P
256K SPI Bus Low-Power Serial SRAM
2010
More results

Similar Description - 23K256-I/ST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
logo
Microchip Technology
23A256 MICROCHIP-23A256 Datasheet
368Kb / 26P
256K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640 Datasheet
368Kb / 26P
64K SPI Bus Low-Power Serial SRAM
2009
23A256 MICROCHIP-23A256_10 Datasheet
563Kb / 28P
256K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640_10 Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
logo
STMicroelectronics
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M95256-DRE STMICROELECTRONICS-M95256-DRE Datasheet
750Kb / 41P
256-Kbit serial SPI bus EEPROM - 105 C Operation
09-Feb-2015
logo
Microchip Technology
23A640 MICROCHIP-23A640_11 Datasheet
608Kb / 28P
64K SPI Bus Low-Power Serial SRAM
08/02/11
23A256 MICROCHIP-23A256_11 Datasheet
609Kb / 28P
256K SPI Bus Low-Power Serial SRAM
08/02/11
23A640 MICROCHIP-23A640_V01 Datasheet
611Kb / 28P
64-Kbit SPI Bus Low-Power Serial SRAM
Revision F 07/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com