Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/SN Datasheet(PDF) 53 Page - Microchip Technology

Part # 25CSM04T-I/SN
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/SN Datasheet(HTML) 53 Page - Microchip Technology

Back Button 25CSM04T-I/SN Datasheet HTML 47Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 48Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 49Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 50Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 51Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 52Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 53Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 54Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 55Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 53
25CSM04
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
25CSM04 = 4-Mbit SPI Serial EEPROM with Security Register
Tape and Reel
Option(1):
Blank
= Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I
= -40
C to +85C (Industrial)
Package:
SN
=
8-Lead Plastic Small Outline – Narrow (3.90 mm)
MF
=
8-Pad Ultra Thin, Dual Flat, No Lead
(5.0 mm x 6.0 mm x 0.6 mm)
CS0668 =
8-Bump, Extremely Thin, Fine Pitch, Wafer Level
Chip Scale Package (Tape and Reel only)
Examples:
a) 25CSM04T-I/SN:
4-Mbit, 2.5V-5.5V SPI
Serial EEPROM, Tape and Reel, Industrial
Temperature, SOIC package.
b) 25CSM04-I/SN:
4-Mbit, 2.5V-5.5V SPI
Serial EEPROM, Industrial Temperature, SOIC
package.
c) 25CSM04T-I/MF:
4-Mbit, 2.5V-5.5V SPI
Serial EEPROM, Tape and Reel, Industrial
Temperature, TDFN-S package.
d) 25CSM04-I/MF:
4-Mbit, 2.5V-5.5V SPI
Serial EEPROM, Industrial Temperature, TDFN-S
package.
e) 25CSM04T-I/CS0668: 4-Mbit, 2.5V-5.5V SPI
Serial EEPROM, Tape and Reel, Industrial
Temperature, CSP package.
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
[X]
Tape and Reel
Option
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com