Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04-I/SN Datasheet(PDF) 20 Page - Microchip Technology

Part # 25CSM04-I/SN
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/SN Datasheet(HTML) 20 Page - Microchip Technology

Back Button 25CSM04-I/SN Datasheet HTML 16Page - Microchip Technology 25CSM04-I/SN Datasheet HTML 17Page - Microchip Technology 25CSM04-I/SN Datasheet HTML 18Page - Microchip Technology 25CSM04-I/SN Datasheet HTML 19Page - Microchip Technology 25CSM04-I/SN Datasheet HTML 20Page - Microchip Technology 25CSM04-I/SN Datasheet HTML 21Page - Microchip Technology 25CSM04-I/SN Datasheet HTML 22Page - Microchip Technology 25CSM04-I/SN Datasheet HTML 23Page - Microchip Technology 25CSM04-I/SN Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
25CSM04
DS20005817D-page 20
 2019-2022 Microchip Technology Inc. and its subsidiares
6.1.1
WRITE-PROTECT ENABLE BIT
The Write-Protect Enable (WPEN) bit in the STATUS
register (byte 0, bit 7) can be used in conjunction with
the WP pin to inhibit writing to the various registers
within the device.
The device is hardware write-protected when both the
WP pin is low and the WPEN bit has been set to a
logic ‘1’. The affected registers depend on the write
protection mode selected.
The write protection mode is determined by the WPM
bit in the STATUS register (bit 7, byte 1). Hardware
write protection is disabled when either the WP pin is
deasserted (high) or the WPEN bit is a logic ‘0’.
Table 6-1 describes which registers will be protected
from being modified. The WP pin must be asserted
(low) to enable any protection capabilities.
REGISTER 6-2:
STATUS REGISTER (BYTE 1)
R/W-1
R-0
R
R-0
R
U-0
U-0
R-0
WPM
ECS
FMPC
PREL
PABP
—
—
RDY/BSY
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
WPM: Write Protection Mode bit(1)
1 = Enhanced Write Protection mode selected
0 = Legacy Write Protection mode selected
bit 6
ECS: Error Correction State Latch bit
1 = The previously executed read sequence did require the Error Correction Code (ECC)
0 = The previous executed read sequence did not require the Error Correction Code (ECC)
bit 5
FMPC: Freeze Memory Protection Configuration bit(2)
1 = Memory Partition registers and write protection mode are permanently frozen and cannot be
modified
0 = Memory Partition registers and write protection mode are not frozen and are modifiable
bit 4
PREL: Partition Register Write Enable Latch bit
1 = PRWE has been executed and WMPR, FRZR and PPAB instructions are enabled
0 = WMPR, FRZR and PPAB instructions are disabled
bit 3
PABP: Partition Address Boundary Protection bit
1 = Partition Address Endpoints set in Memory Partition registers cannot be modified
0 = Partition Address Endpoints set in Memory Partition registers are modifiable
bit 2-1
Unimplemented: Read as ‘0’
bit 0
RDY/BSY: Ready/Busy Status Latch bit
1 = Device is busy with an internal write cycle
0 = Device is ready for a new sequence
Note 1: If the FMPC bit is set to a logic ‘1’, the WPM bit is read-only.
2: Once the FMPC bit has been set, it cannot be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com