Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23K256-E/ST Datasheet(PDF) 25 Page - Microchip Technology

Part # 23K256-E/ST
Description  256-Kbit SPI Bus Low-Power Serial SRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K256-E/ST Datasheet(HTML) 25 Page - Microchip Technology

Back Button 23K256-E/ST Datasheet HTML 19Page - Microchip Technology 23K256-E/ST Datasheet HTML 20Page - Microchip Technology 23K256-E/ST Datasheet HTML 21Page - Microchip Technology 23K256-E/ST Datasheet HTML 22Page - Microchip Technology 23K256-E/ST Datasheet HTML 23Page - Microchip Technology 23K256-E/ST Datasheet HTML 24Page - Microchip Technology 23K256-E/ST Datasheet HTML 25Page - Microchip Technology 23K256-E/ST Datasheet HTML 26Page - Microchip Technology 23K256-E/ST Datasheet HTML 27Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
 2008-2022 Microchip Technology Inc. and its subsidiaries
DS20002100G-page 25
23A256/23K256
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape and Reel
Device
Device:
23A256 =
23K256 =
256-Kbit, 1.8V, SPI Serial SRAM
256-Kbit, 3.6V, SPI Serial SRAM
Tape
and
Reel
Option (1):
Blank =
T=
Standard packaging (tube)
Tape & Reel
Temperature
Range:
I=
E
-40
C to+85C
-40
C to+125C
Package:
P=
SN
=
ST
=
Plastic PDIP (300 mil body), 8-lead
Plastic SOIC (3.90 mml body), 8-lead
TSSOP, 8-lead
Examples:
a)
23K256-I/ST: 256-Kbit, 3.6V Serial SRAM,
Industrial temperature, TSSOP package
b)
23A256T-I/SN: 256-Kbit, 1.8V Serial SRAM,
Industrial temperature, Tape and Reel, SOIC
package
c)
23K256-E/ST: 256-Kbit, 3.6V Serial SRAM,
Extended temperature, TSSOP package
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
(1)
Option
-X
Temperature Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com