Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2039 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2039
Description  High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2039 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2039 Datasheet HTML 9Page - Microchip Technology MIC2039 Datasheet HTML 10Page - Microchip Technology MIC2039 Datasheet HTML 11Page - Microchip Technology MIC2039 Datasheet HTML 12Page - Microchip Technology MIC2039 Datasheet HTML 13Page - Microchip Technology MIC2039 Datasheet HTML 14Page - Microchip Technology MIC2039 Datasheet HTML 15Page - Microchip Technology MIC2039 Datasheet HTML 16Page - Microchip Technology MIC2039 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005540B-page 13
MIC2039
4.0
FUNCTIONAL DESCRIPTION
The MIC2039 is a high-side MOSFET power
distribution switch that provides increased system
reliability by using 5% current-limit accuracy. The
MIC2039 is internally current-limited and has thermal
shutdown, which protects the device and system.
The MIC2039 has a soft-start circuit that minimizes
inrush current by slowing the turn-on time. Additionally,
the MIC2039 has an optional kickstart feature, which
momentarily overrides the normal current-limiting
function to allow higher inrush and/or transient
currents.
4.1
Soft-Start
Soft-start reduces the power supply input surge current
at startup by controlling the output voltage rise time.
The input surge appears while the output capacitor is
charged up. A slower output rise time draws a lower
input surge current.
4.2
Kickstart Inrush Overcurrent Filter
The MIC2039EYxx and MIC2039FYxx are equipped
with a secondary current-limit that allows high inrush
current transients to pass for a set period before the
primary current-limit circuitry becomes active. The
FAULT/ status flag does not assert during the kickstart
period (typically 120 ms), which eliminates any false
(FAULT/) assertions. The kickstart function is active
during initial startup or while operating in steady state.
4.3
Input Capacitor
A 1 µF to 100 µF ceramic input capacitor is
recommended for most applications. Place the input
capacitor on the same side of the board and next to the
MIC2039 to minimize the voltage ringing during
transient and short-circuit conditions. Using two vias for
each end of the capacitor to connect to the power and
ground plane is also recommended.
An X7R or X5R dielectric ceramic capacitors is
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic or a tantalum capacitor to ensure the
same capacitance value over the operating
temperature range.
4.4
Output Capacitor
The output capacitor type and placement criteria are
the same as the input capacitor.
The exact amount of capacitance depends upon the
specific application. For example, USB applications will
typically use 150 µF, whereas local consumers, such
as microcontrollers, may require as little as 1 µF.
Care must be taken when choosing the output
capacitance for inductive loads. Without sufficient
capacitance or clamping devices, sudden disconnects
or shorts on VOUT can result in stresses beyond the
device's absolute maximum ratings, even for short
cables, which will damage the device.
4.5
Enable
The MIC2039 offers either an active-high or active-low
enable input (EN) that allows ON/OFF control of the
switch output. The current through the device reduces
to near zero when the device is shut down, with only
microamperes of leakage current. The EN input can be
directly tied to VIN or driven by a voltage that is equal to
or less than VIN. Do not leave this pin floating.
Care should be taken to ensure that the EN pin does
not exceed VIN by more than 500 mV at any time. This
includes at power-up and during load transients.
Whenever possible, it is recommended to tie EN to VIN
through a pull-up resistor and use an open-drain or
open-collector device to change the state.
4.6
Adjustable Current-Limit
The MIC2039 current-limit is adjustable from 0.2A to
2.5A by connecting a resistor from the ILIMIT pin to
GND. The following equation determines the resistor:
EQUATION 4-1:
If the output current exceeds the set current-limit, the
MIC2039 switch enters constant current-limit mode.
The maximum allowable current-limit can be less than
the full specified and/or expected current if the
MIC2039 is not mounted on a circuit board with
sufficiently low thermal resistance. Table 4-1 shows
resistor values (1%) for select current-limit settings.
TABLE 4-1:
RESISTOR SELECTION FOR
ADJUSTABLE
CURRENT-LIMIT
ILIMIT
0.2A
0.5A
1.0A
2.0A
2.5A
RLIMIT 1.45 kΩ 576Ω 287Ω 145Ω
115Ω
RLIMIT
289
ILIMIT
---------------
Where:
ILIMIT
Typical current-limit from
Electrical Characteristics table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com