Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V51-E/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6V51-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51-E/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP6V51-E/MS Datasheet HTML 1Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 2Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 3Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 4Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 5Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 6Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006136B-page 5
MCP6V51/2/4
Output
Minimum Output Voltage Swing
VOL
—
VSS + 45
VSS + 60
mV
RL = 1 kΩ, VDD = 4.5V
—
VSS + 500 VSS + 1000
RL = 1 kΩ, VDD = 45V
—
VSS + 6
VSS + 20
RL = 10 kΩ, VDD = 4.5V
—
VSS + 50
VSS + 70
RL = 10 kΩ, VDD = 45V
Maximum Output Voltage Swing
VOH VDD – 150 VDD – 100
—
mV
RL = 1 kΩ, VDD = 4.5V
VDD – 2500 VDD – 1500
—
RL = 1 kΩ, VDD = 45V
VDD – 20
VDD – 12
—
RL = 10 kΩ, VDD = 4.5V
VDD – 200 VDD – 100
—
RL = 10 kΩ, VDD = 45V
Output Short-Circuit Current
ISC+
—
46
—
mA
ISC-
—
36
—
mA
Closed-Loop Output Resistance
ROUT
—
16
—
Ω
f = 0.1 MHz, IO = 0,
G = 1
Capacitive Load Drive
CL
—
100
—
pF
G = 1
Power Supply
Supply Voltage
VDD
4.5
—
45
V
Quiescent Current per Amplifier
IQ
310
460
590
µA
VDD = 4.5V, IO = 0
310
470
590
µA
VDD = 45V, IO = 0
—
540
670
µA
IO = 0,
TA = -40 to +125°C,
see Figure 2-22
(Note 1)
Power-on Reset (POR) Trip
Voltage
VPOR
—
2.3
—
V
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +4.5V to +45V, VSS = GND,
VCM = VDD/3, VOUT = VDD/2, VL = VDD/2, RL = 10 kΩ to VL and CL = 100 pF (refer to Figure 1-4 and Figure 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Not production tested. Limits set by characterization and/or simulation and provided as design guidance
only.
2: Figure 2-17 shows how VCML and VCMH changed across temperature for the first production lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com