Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V5XTE/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6V5XTE/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V5XTE/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6V5XTE/MS Datasheet HTML 10Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 11Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 12Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 13Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 14Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 15Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 16Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 17Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
MCP6V51/2/4
DS20006136B-page 14
2018-2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-29:
Closed-Loop Output
Impedance vs. Frequency with VDD = 45V.
FIGURE 2-30:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-31:
EMIRR vs. Frequency.
FIGURE 2-32:
Channel-to-Channel
Crosstalk (MCP6V52).
0.0001
0.001
0.01
0.1
1
10
100
1000
Frequency (Hz)
G
N:
101 V/V
11 V/V
1 V/V
1
10
100
1k
10k
100k
1M
10M
100M
V
DD = 45V
0
1
10
100
Frequency (Hz)
V
DD = 4.5V
V
DD = 45V
100
1k
10k
100k
1M
10M
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1000
10000
Frequency (Hz)
10M
100M
1G
10G
V
INPK = 100 mV
V
DD = 4.5V
V
DD = 45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com