Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-20021803HM Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # ATS-20021803HM
Description  Hand Crimp Tool for 1.25mm (.049) Pitch Wire-to-Board Crimp Terminals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

ATS-20021803HM Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  ATS-20021803HM Datasheet HTML 1Page - Molex Electronics Ltd. ATS-20021803HM Datasheet HTML 2Page - Molex Electronics Ltd. ATS-20021803HM Datasheet HTML 3Page - Molex Electronics Ltd. ATS-20021803HM Datasheet HTML 4Page - Molex Electronics Ltd. ATS-20021803HM Datasheet HTML 5Page - Molex Electronics Ltd. ATS-20021803HM Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Hand Crimp Tool for 1.25mm (.049") Pitch Wire-to-Board Crimp Terminals
Doc No: ATS-20021803HM
Release Date: 01-27-17
UNCONTROLLED COPY
Page 2 of 6
Revision: A
Revision Date: 01-27-17
CRIMP SPECIFICATION
After crimping, the crimp profiles should measure the following.
Terminal Series No.
Bell mouth
Conductor Brush
mm
In.
mm
In.
505431
0.10-0.30
.004-.012
0.10-0.30
.004-.012
Terminal Series No.
Bend up Bend down
Twist Roll
Seam
Seam shall not be
open and no wire allowed
out of the crimping area
Degree Max.
Degree Max.
505431
2
3
3
4
Terminal
Series No.
Wire Size
Conductor
Insulation
Pull Force
Minimum
Profile
Crimp Height
Crimp Width
(Ref)
Crimp Height
Crimp Width
(Ref)
AWG mm2
mm
In.
mm
In.
mm
In.
mm
In.
N
Lb. 26 28 30
505431
26
NA
0.54-0.59 .021-.023 0.88
.034 1.19-1.28 .047-.050 0.90
.035
9.8 2.20 X
28
NA
0.49-0.54 .019-.021 0.88
.034 1.18-1.28 .046-.050 0.90
.035
9.8 2.20
X
30
NA
0.46-0.51 .018-.020 0.88
.034 1.08-1.18 .042-.046 0.90
.035
4.9 1.10
X
Tool Qualification Notes:
1. Pull Force should be measured with no influence from the insulation crimp.
2. The above specifications are guidelines to an optimum crimp.
Notes:
1. This tool should only be used for the terminals and wire gauges specified on this sheet.
2. This tool is not adjustable for crimp height; however crimp force is adjustable (See instructions above).
Variations in tools, terminals, wire stranding, and insulation types may affect crimp height.
3. This tool is intended for standard conductor sizes. It may not give a good insulation crimp support for all
insulation sizes.
4. Molex does not repair hand tools (see warranty above). The replacement parts listed are the only parts
available for repair. If the handles or crimp tooling is damaged or worn, a new tool must be purchased.
5. Pull force should be used as the final criteria for an acceptable crimp. Pull force is measured with no
influence from the insulation crimp. The insulation should be stripped long (1/2 in.) so the insulation grips
on the terminal do not grip the wire insulation or the conductor. Refer to Molex Quality Crimping
Handbook 63800-0029 for additional information on crimping and crimp testing.
6. Molex does not certify crimp hand tools.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com