Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3334PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3334PCBA
Description  IF LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3334PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF3334PCBA Datasheet HTML 1Page - RF Micro Devices RF3334PCBA Datasheet HTML 2Page - RF Micro Devices RF3334PCBA Datasheet HTML 3Page - RF Micro Devices RF3334PCBA Datasheet HTML 4Page - RF Micro Devices RF3334PCBA Datasheet HTML 5Page - RF Micro Devices RF3334PCBA Datasheet HTML 6Page - RF Micro Devices RF3334PCBA Datasheet HTML 7Page - RF Micro Devices RF3334PCBA Datasheet HTML 8Page - RF Micro Devices RF3334PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
8-459
RF3334
Rev A5 031020
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Thermal
VCC=5.25V, VRFAGC=4.5V, ICC=29mA,
PDISS=154mW
ThetaJC
65
°C/W
Maximum Measured Junction
Temperature at
DC Bias Conditions
95
°C
TAMB=+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com