Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATIN1050-R56M Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ATIN1050-R56M
Description  Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATIN1050-R56M Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ATIN1050-R56M Datasheet HTML 1Page - Analog Technologies, Inc. ATIN1050-R56M Datasheet HTML 2Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2352 Walsh Ave., Santa Clara, CA 95051., U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111 www.analogtechnologies.com
 Copyrights 2000 – 2013, Analog Technologies, Inc. All Rights Reserved. Updated on 9/13/2013.
Analog Technologies
ATIN−1050 Series
Inductor
Figure 1.The Physical Photo of ATIN−1050 Series
FEATURES
Shielded construction
Frequency range up to 1.0 MHz
Lowest DCR/uH in this package size
Handles high transient current spikes without
saturation
Ultra low buzz noise due to composite construction
Compliant to RoHS Directive 2002/95/EC
PART # NAMING
AT IN 1050 − 150 M
A
B
C
D
E
A: Company Code, Analog Technologies, Inc.
B: Inductor
C: Dimensions
D: Inductance, e.g. 150 = 15.0 uH.
E: Inductance Tolerance, e.g. M = ±20%.
ELECTRICAL CHARACTERISTICS
Test Conditions: 25°C, 100 KHz, 0.1V
PART #
L (0A)
(uH±20%)
Irms
(A)
Isat
(A)
DCR Typ
(mΩ)
DCR Max
(mΩ)
DCR /L
(mΩ/ uH)
ATIN1050−R45M
0.45
36.0
29.0
0.9
1.1
2.00
ATIN1050−R56M
0.56
32.0
31.0
1.2
1.4
2.14
ATIN1050−1R0M
1.0
25.0
25.0
2.3
2.5
2.30
ATIN1050−1R2M
1.2
24.0
21.0
2.5
3.0
2.08
ATIN1050−4R7M
4.7
10.0
14.0
10.5
11.5
2.23
ATIN1050−7R0M
7.0
8.0
12.0
16.5
20.4
2.36
ATIN1050−150M
15.0
4.5
8.0
38.0
45.6
2.53
ATIN1050−220M
22.0
4.0
7.0
51.0
61.2
2.32
NOTE:
1. All test data is in reference to 25°C ambient temperature.
2. Irms will cause an approximate ΔT of 40°C.
3. Isat will cause the inductance value to drop approximately 20%.
4. Operating Temperature Range, −55°C ~ +125°C.
5. The part temperature (ambient + temp. rise) should not exceed 125°C under worse case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow and other cooling provision all affect the part temperature.
A
B


Similar Part No. - ATIN1050-R56M

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATIN0740 ANALOGTECHNOLOGIES-ATIN0740 Datasheet
217Kb / 3P
Inductor
9/30/2013.
ATIN0740-100M ANALOGTECHNOLOGIES-ATIN0740-100M Datasheet
217Kb / 3P
Inductor
9/30/2013.
ATIN0740-120M ANALOGTECHNOLOGIES-ATIN0740-120M Datasheet
217Kb / 3P
Inductor
9/30/2013.
ATIN0740-150M ANALOGTECHNOLOGIES-ATIN0740-150M Datasheet
217Kb / 3P
Inductor
9/30/2013.
ATIN0740-1R1M ANALOGTECHNOLOGIES-ATIN0740-1R1M Datasheet
217Kb / 3P
Inductor
9/30/2013.
More results

Similar Description - ATIN1050-R56M

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-504 RHOMBUS-IND-L-504 Datasheet
39Kb / 1P
INDUCTOR
05/03/01
L-687 RHOMBUS-IND-L-687 Datasheet
17Kb / 1P
INDUCTOR
09/08/00
L-705 RHOMBUS-IND-L-705 Datasheet
38Kb / 1P
INDUCTOR
6/26/01
logo
KR Electronics, Inc.
2224 KR-2224 Datasheet
19Kb / 1P
Inductor
logo
XFMRS Inc.
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
INDUCTOR
XF1606T-XXX XFMRS-XF1606T-XXX Datasheet
45Kb / 1P
INDUCTOR
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
INDUCTOR
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
logo
XFMRS Inc.
1XF0100-VO XFMRS-1XF0100-VO Datasheet
51Kb / 1P
INDUCTOR
6XFXXX6-S3P XFMRS-6XFXXX6-S3P Datasheet
58Kb / 1P
INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com