Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATIN0740-R22M Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATIN0740-R22M
Description  Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATIN0740-R22M Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATIN0740-R22M Datasheet HTML 1Page - Analog Technologies, Inc. ATIN0740-R22M Datasheet HTML 2Page - Analog Technologies, Inc. ATIN0740-R22M Datasheet HTML 3Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2352 Walsh Ave., Santa Clara, CA 95051., U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111 www.analogtechnologies.com
 Copyrights 2000 – 2013, Analog Technologies, Inc. All Rights Reserved. Updated on 9/30/2013.
2
Analog Technologies
ATIN−0740 Series
Inductor
PART #
L (0A)
(uH±20%)
Irms
(A)
Isat
(A)
DCR Typ
(mΩ)
DCR Max
(mΩ)
DCR/L
(mΩ/ uH)
ATIN0740−6R8M
6.8
6.0
7.0
29.0
33.0
4.26
ATIN0740−8R2M
8.2
5.0
5.5
34.0
39.0
4.15
ATIN0740−100M
10.0
4.1
5.0
42.5
45.0
4.25
ATIN0740−120M
12.0
4.0
5.0
46.3
53.0
3.86
ATIN0740−150M
15.0
3.6
4.3
57.3
60.0
3.82
NOTE:
1. All test data is in reference to 25°C ambient temperature.
2. Irms will cause an approximate ΔT of 40°C.
3. Isat will cause the inductance value to drop approximately 20%.
4. Operating Temperature Range,−55°C ~ +125°C.
5. The part temperature (ambient + temp. rise) should not exceed 125°C under worse case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow and other cooling provision all affect the part temperature.
MECHANICAL DIMENSION
Figure 2. Mechanical Dimensions for ATIN−0740 Series Inductors
Figure 3. Recommended Footprint
6.7±0.2
6.7±0.2
1.2±0.3
1.5±0.5
4.0
8.5
7.5±0.1
0.76
0.04
R0.5×4
2.5×2
4−8
Copper covered
by solder mask
Solder pad
PCB solder mask
1.25×2
0.5−5
0.5
Unit: mm
Unit: mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com