Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATIN0740-R50M Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ATIN0740-R50M
Description  Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATIN0740-R50M Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ATIN0740-R50M Datasheet HTML 1Page - Analog Technologies, Inc. ATIN0740-R50M Datasheet HTML 2Page - Analog Technologies, Inc. ATIN0740-R50M Datasheet HTML 3Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2352 Walsh Ave., Santa Clara, CA 95051., U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111 www.analogtechnologies.com
 Copyrights 2000 – 2013, Analog Technologies, Inc. All Rights Reserved. Updated on 9/30/2013.
1
Analog Technologies
ATIN−0740 Series
Inductor
Figure 1.The Physical Photo of ATIN−0740 Series
FEATURES
Shielded construction
Frequency range up to 1.0 MHz
Lowest DCR/uH in this package size
Handles high transient current spikes without
saturation
Ultra low buzz noise due to composite construction
Compliant to RoHS Directive 2002/95/EC
PART #NAMING
AT IN 0740 − 3R3 M
C
D
E
A: Company Code, Analog Technologies, Inc.
B: Inductor
C: Dimensions
D: Inductance, e.g. 3R3=3.3uH.
E: Inductance Tolerance, e.g. M = ±20%.
ELECTRICAL CHARACTERISTICS
Test Conditions: 25°C, 100 KHz, 0.1V
PART #
L (0A)
(uH±20%)
Irms
(A)
Isat
(A)
DCR Typ
(mΩ)
DCR Max
(mΩ)
DCR/L
(mΩ/ uH)
ATIN0740−R22M
0.22
30.0
34.0
1.1
1.3
5.00
ATIN0740−R50M
0.5
20.0
21.0
2.8
3.4
5.60
ATIN0740−1R1M
1.1
15.3
19.0
4.6
5.5
4.18
ATIN0740−1R5M
1.5
11.5
13.0
8.0
10.0
5.33
ATIN0740−2R2M
2.2
11.0
11.0
9.8
12.0
4.45
ATIN0740−3R3M
3.3
10.0
10.0
12.5
16.0
3.79
ATIN0740−4R7M
4.7
6.7
8.0
18.4
24.0
3.91
ATIN0740−5R6M
5.6
6.3
8.0
21.0
29.0
3.75
A
B


Similar Part No. - ATIN0740-R50M

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATIN1050 ANALOGTECHNOLOGIES-ATIN1050 Datasheet
148Kb / 2P
Inductor
9/13/2013.
ATIN1050-150M ANALOGTECHNOLOGIES-ATIN1050-150M Datasheet
148Kb / 2P
Inductor
9/13/2013.
ATIN1050-1R0M ANALOGTECHNOLOGIES-ATIN1050-1R0M Datasheet
148Kb / 2P
Inductor
9/13/2013.
ATIN1050-1R2M ANALOGTECHNOLOGIES-ATIN1050-1R2M Datasheet
148Kb / 2P
Inductor
9/13/2013.
ATIN1050-220M ANALOGTECHNOLOGIES-ATIN1050-220M Datasheet
148Kb / 2P
Inductor
9/13/2013.
More results

Similar Description - ATIN0740-R50M

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-504 RHOMBUS-IND-L-504 Datasheet
39Kb / 1P
INDUCTOR
05/03/01
L-687 RHOMBUS-IND-L-687 Datasheet
17Kb / 1P
INDUCTOR
09/08/00
L-705 RHOMBUS-IND-L-705 Datasheet
38Kb / 1P
INDUCTOR
6/26/01
logo
KR Electronics, Inc.
2224 KR-2224 Datasheet
19Kb / 1P
Inductor
logo
XFMRS Inc.
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
INDUCTOR
XF1606T-XXX XFMRS-XF1606T-XXX Datasheet
45Kb / 1P
INDUCTOR
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
INDUCTOR
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
logo
XFMRS Inc.
1XF0100-VO XFMRS-1XF0100-VO Datasheet
51Kb / 1P
INDUCTOR
6XFXXX6-S3P XFMRS-6XFXXX6-S3P Datasheet
58Kb / 1P
INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com