Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP200 Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # LP200
Description  Vacuum Sucking Pen
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

LP200 Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  LP200 Datasheet HTML 1Page - Analog Technologies, Inc. LP200 Datasheet HTML 2Page - Analog Technologies, Inc. LP200 Datasheet HTML 3Page - Analog Technologies, Inc. LP200 Datasheet HTML 4Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2352 Walsh Ave. Santa Clara, CA 95051. U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111
www.analogtechnologies.com
Copyrights 2000 – 2013, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2013
2
Analog Technologies
LP-200
Vacuum Sucking Pen
SPECIFICATIONS
Table 1.
Part #
Pad Dia. (mm)
Heat Resistant
Temp. (ºC)
Pick-up Capability
(g)
ESD Management
Standard (ohm/sq)
LN250
3.18
220
1.5
10
3~106
LN260
6.35
220
8
10
3~106
LN270
9.53
220
15
10
3~106
Table 2.
Figure 5. The Photo of Actual Vacuum Pen
Length
128mm
Diameter
13mm
ESD Management Standard
(ohm/sq)
10
3~106ohm/sq
Weight
11.7g
Heat Resistant Temp
220℃
A clip, light weight, easy to take
Manually operated part of vacuum pen



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com