Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMP-R050-1.0 Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # VMP-R050-1.0
Description  MagI3C Power Modules DNS002 MagI3C Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

VMP-R050-1.0 Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  VMP-R050-1.0 Datasheet HTML 1Page - Analog Technologies, Inc. VMP-R050-1.0 Datasheet HTML 2Page - Analog Technologies, Inc. VMP-R050-1.0 Datasheet HTML 3Page - Analog Technologies, Inc. VMP-R050-1.0 Datasheet HTML 4Page - Analog Technologies, Inc. VMP-R050-1.0 Datasheet HTML 5Page - Analog Technologies, Inc. VMP-R050-1.0 Datasheet HTML 6Page - Analog Technologies, Inc. VMP-R050-1.0 Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Reference Design Note
MagI3C Power Modules
DNS002 MagI3C Power Supply
DNS002 V2.0
Roland Kratz - December 2018
Page 2/8
Copyright © Würth Elektronik eiSos GmbH & Co. KG
2. Specifications
Electrical Specifications
Features
§
Input Voltage Range
7V – 36V
§
Output On/Off
Mechanical Switch
§
Input Voltage Transients
Max. 45V
§
Constant Voltage Indicator
LED green
§
Output Voltage Range
0V – 15V
§
Constant Current Indicator
LED red
§
Output Current Limit
0A – 2.5A
§
Output Fail Indicator
LED red
§
Maximum Output Power
37.5W
§
Switching Frequency
1MHz
3. Functional Diagram
L1
Controller IC
CIN
RLOAD
Power Module
T1
T2
R1
R2
Rs
COUT
Adj. Current
Set Value
Error Amplifier
Adj. Voltage
Set Value
Error Amplifier
VIN
VOUT
Figure 2. Functional Diagram
The output voltage of the MagI3C Power Module, normally fixed by the feedback resistor divider R1 and R2, is now adjustable
during operation by one of the error amplifiers. It can even be regulated below the internal reference of the MagI3C Power
Module down to 0V while continuing to be actively regulated.
The output current is measured by RS and compared with an internal reference by the second error amplifier.
Either the error amplifier for voltage regulation is active and maintains the output voltage according to the user set value or
the error amplifier for current regulation is active and maintains the output current according to the user set value.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com