Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L50 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT72L50
Description  SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L50 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT72L50 Datasheet HTML 17Page - Exar Corporation XRT72L50 Datasheet HTML 18Page - Exar Corporation XRT72L50 Datasheet HTML 19Page - Exar Corporation XRT72L50 Datasheet HTML 20Page - Exar Corporation XRT72L50 Datasheet HTML 21Page - Exar Corporation XRT72L50 Datasheet HTML 22Page - Exar Corporation XRT72L50 Datasheet HTML 23Page - Exar Corporation XRT72L50 Datasheet HTML 24Page - Exar Corporation XRT72L50 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 471 page
background image
áç
áç
áç
áç
XRT72L50
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
REV. 1.2.1
8
49
TxNib3/
TxHDLCDat3
I
Transmit Nibble-Parallel Payload Data Input -3:
The Terminal Equipment is expected to input data, that is intended to be
transmitted to the remote terminal, over an E3 or DS3 transport medium. The
Framer IC will take data, applied to this pin (along with TxNib1, TxNib2, and
TxNib3), and insert it into an outbound E3 or DS3 frame. The XRT72L50 will
sample the data that is at these input pins, upon the rising edge of the TxNib-
Clk signal.
NOTE: This input pin is active only if the Nibble-Parallel Mode has been
selected.
Transmit HDLC Data Input - 3:
This pin accepts bit 3 TxHDLC data when the HDLC controller is turned on.
50
GND
****
Ground
51
VDD
****
Power Supply 3.3V + 5%
52
TxOHClk
O
Transmit Overhead Clock:
This output signal serves two purposes:
1. The Transmit Overhead Data Input Interface block will provide a rising clock
edge on this signal, one bit-period prior to the start to the instant that the
Transmit Overhead Data Input Interface block is processing an overhead bit.
2. The Transmit Overhead Data Input Interface will sample the data at the
TxOH input pin, on the falling edge of this clock signal (provided that the TxO-
HIns input pin is "High").
NOTE: The Transmit Overhead Data Input Interface block will supply a clock
edge for all overhead bits within the DS3 or E3 frame (via the TxOHClk output
signal). This includes those overhead bits that the Transmit Overhead Data
Input Interface will not accept from the Terminal Equipment.
53
TxOHIns/
TxHDLCDat4
I
Transmit Overhead Data Insert Input:
Asserting this input signal (e.g., setting it "High") enables the Transmit Over-
head Data Input Interface to accept overhead data from the Terminal Equip-
ment. In other words, while this input pin is "High", the Transmit Overhead
Data Input Interface will sample the data at the TxOH input pin, on the falling
edge of the TxOHClk output signal.
Conversely, setting this pin "Low" configures the Transmit Overhead Data
Input Interface to NOT sample (e.g., ignore) the data at the TxOH input pin,
on the falling edge of the TxOHClk output signal.
NOTE: If the Terminal Equipment attempts to insert an overhead bit that can-
not be accepted by the Transmit Overhead Data Input Interface (e.g., if the
Terminal Equipment asserts the TxOHIns signal, at a time when one of these
non-insertable overhead bits are being processed); that particular insertion
effort will be ignored.
Transmit HDLC Data Input - 4:
This pin accepts bit 4 TxHDLC data when the HDLC controller is turned on.
PIN DESCRIPTION
PIN #PIN NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com