Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPC22AN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMPC22AN
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMPC22AN Datasheet(HTML) 2 Page - Vishay Siliconix

  SMPC22AN Datasheet HTML 1Page - Vishay Siliconix SMPC22AN Datasheet HTML 2Page - Vishay Siliconix SMPC22AN Datasheet HTML 3Page - Vishay Siliconix SMPC22AN Datasheet HTML 4Page - Vishay Siliconix SMPC22AN Datasheet HTML 5Page - Vishay Siliconix SMPC22AN Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMPC5.0A thru SMPC36A, SMPC22AN thru SMPC85AN
www.vishay.com
Vishay General Semiconductor
Revision: 17-Sep-2021
2
Document Number: 89116
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: t
≤ 50 ms
(2) Surge current waveform per fig. 3 and derated per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR AT VWM
(μA)
MAXIMUM
PEAK
PULSE
SURGE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
ANODE ON
HEATSINK
CATHODE ON
HEATSINK
SUFFIX
A
SUFFIX
AN
MIN.
MAX.
SMPC5.0A
-
GDE
-
6.40
7.07
10
5.0
1500
150.0
10.0
SMPC6.0A
-
GDG
-
6.67
7.37
10
6.0
1000
145.6
10.3
SMPC6.5A
-
GDK
-
7.22
7.98
10
6.5
500
133.9
11.2
SMPC7.0A
-
GDM
-
7.78
8.60
10
7.0
200
125.0
12.0
SMPC7.5A
-
GDP
-
8.33
9.21
1.0
7.5
100
116.3
12.9
SMPC8.0A
-
GDR
-
8.89
9.83
1.0
8.0
50
110.3
13.6
SMPC8.5A
-
GDT
-
9.44
10.4
1.0
8.5
20
104.2
14.4
SMPC9.0A
-
GDV
-
10.0
11.1
1.0
9.0
5.0
97.4
15.4
SMPC10A
-
GDX
-
11.1
12.3
1.0
10.0
2.0
88.2
17.0
SMPC11A
-
GDZ
-
12.2
13.5
1.0
11.0
2.0
82.4
18.2
SMPC12A
-
GEE
-
13.3
14.7
1.0
12.0
2.0
75.4
19.9
SMPC13A
-
GEG
-
14.4
15.9
1.0
13.0
1.0
69.8
21.5
SMPC14A
-
GEK
-
15.6
17.2
1.0
14.0
1.0
64.7
23.2
SMPC15A
-
GEM
-
16.7
18.5
1.0
15.0
1.0
61.5
24.4
SMPC16A
-
GEP
-
17.8
19.7
1.0
16.0
1.0
57.7
26.0
SMPC17A
-
GER
-
18.9
20.9
1.0
17.0
1.0
54.3
27.6
SMPC18A
-
GET
-
20.0
22.1
1.0
18.0
1.0
51.4
29.2
SMPC20A
-
GEV
-
22.2
24.5
1.0
20.0
1.0
46.3
32.4
SMPC22A
SMPC22AN
GEX
PAV
24.4
26.9
1.0
22.0
1.0
42.3
35.5
SMPC24A
SMPC24AN
GEZ
PAW
26.7
29.5
1.0
24.0
1.0
38.6
38.9
SMPC26A
SMPC26AN
GFE
PAX
28.9
31.9
1.0
26.0
1.0
35.6
42.1
SMPC28A
SMPC28AN
GFG
PAY
31.1
34.4
1.0
28.0
1.0
33.0
45.4
SMPC30A
SMPC30AN
GFK
PAZ
33.3
36.8
1.0
30.0
1.0
31.0
48.4
SMPC33A
SMPC33AN
GFM
PBA
36.7
40.6
1.0
33.0
1.0
28.1
53.3
SMPC36A
SMPC36AN
GFP
PBB
40.0
44.2
1.0
36.0
1.0
25.8
58.1
-
SMPC40AN
-
PBC
44.4
49.1
1.0
40.0
1.0
23.3
64.5
-
SMPC43AN
-
PBD
47.8
52.8
1.0
43.0
1.0
21.6
69.4
-
SMPC45AN
-
PBE
50.0
55.3
1.0
45.0
1.0
20.6
72.7
-
SMPC48AN
-
PBF
53.3
58.9
1.0
48.0
1.0
19.4
77.4
-
SMPC51AN
-
PBG
56.7
62.7
1.0
51.0
1.0
18.2
82.4
-
SMPC54AN
-
PBH
60.0
66.3
1.0
54.0
1.0
17.2
87.1
-
SMPC58AN
-PBK
64.4
71.2
1.0
58.0
1.0
16.0
93.6
-
SMPC60AN
-PBL
66.7
73.7
1.0
60.0
1.0
15.5
96.8
-
SMPC64AN
-PBM
71.1
78.6
1.0
64.0
1.0
14.6
103
-
SMPC70AN
-PBN
77.8
86.0
1.0
70.0
1.0
13.3
113
-
SMPC75AN
-PBP
83.3
92.1
1.0
75.0
1.0
12.4
121
-
SMPC78AN
-PBQ
86.7
95.8
1.0
78.0
1.0
11.9
126
-
SMPC85AN
-PBR
94.4
104
1.0
85.0
1.0
10.9
137



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com