Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF Datasheet(PDF) 13 Page - AiT Semiconductor Inc.

Part # WSF
Description  WIRE WOUND SMD INDUCTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSF Datasheet(HTML) 13 Page - AiT Semiconductor Inc.

Back Button WSF Datasheet HTML 7Page - AiT Semiconductor Inc. WSF Datasheet HTML 8Page - AiT Semiconductor Inc. WSF Datasheet HTML 9Page - AiT Semiconductor Inc. WSF Datasheet HTML 10Page - AiT Semiconductor Inc. WSF Datasheet HTML 11Page - AiT Semiconductor Inc. WSF Datasheet HTML 12Page - AiT Semiconductor Inc. WSF Datasheet HTML 13Page - AiT Semiconductor Inc. WSF Datasheet HTML 14Page - AiT Semiconductor Inc. WSF Datasheet HTML 15Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
WSF
PART NUMBER
L (uH)
DCR
(ΩMax)
Isat (A)
Irms (A)
WSF8D43-2R0T
2.0
0.014
7.00
5.50
WSF8D43-3R9T
3.9
0.019
5.90
4.50
WSF8D43-4R7T
4.7
0.022
5.60
4.10
WSF8D43-6R8T
6.8
0.025
4.40
3.90
WSF8D43-100T
10
0.036
4.00
3.20
WSF8D43-150T
15
0.053
2.90
2.30
WSF8D43-220T
22
0.075
2.60
1.80
WSF8D43-330T
33
0.125
2.20
1.40
WSF8D43-470T
47
0.150
1.80
1.30
WSF8D43-560T
56
0.200
1.60
1.10
WSF8D43-680T
68
0.240
1.50
1.00
WSF8D43-101T
100
0.360
1.30
0.80
Note: Measurement frequency of Inductance value : at 100kHz, 0.1V
PART NUMBER
L (uH)
DCR
(ΩMax)
Isat (A)
Irms (A)
WSF10D40-1R5T
1.5
0.0081
10.0
6.50
WSF10D40-2R5T
2.5
0.0105
7.50
6.10
WSF10D40-3R3T
3.3
0.013
6.10
5.60
WSF10D40-3R8T
3.8
0.013
6.00
5.50
WSF10D40-4R7T
4.7
0.025
5.70
5.40
WSF10D40-5R2T
5.2
0.022
5.50
5.40
WSF10D40-6R8T
6.8
0.027
4.80
4.50
WSF10D40-7R0T
7.0
0.027
4.80
4.50
WSF10D40-100T
10
0.035
4.40
3.80
WSF10D40-150T
15
0.050
3.60
3.10
WSF10D40-220T
22
0.073
2.90
2.50
WSF10D40-330T
33
0.093
2.30
2.20
WSF10D40-470T
47
0.128
2.10
1.90
WSF10D40-680T
68
0.213
1.50
1.42
WSF10D40-101T
100
0.304
1.35
1.25
WSF10D40-151T
150
0.506
1.15
0.85
WSF10D40-221T
220
0.756
0.92
0.70
WSF10D40-331T
330
1.090
0.70
0.52
Note: Measurement frequency of Inductance value : at 100kHz, 0.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com