Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD824 Datasheet(PDF) 13 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices AD824 Datasheet HTML 10Page - Analog Devices AD824 Datasheet HTML 11Page - Analog Devices AD824 Datasheet HTML 12Page - Analog Devices AD824 Datasheet HTML 13Page - Analog Devices AD824 Datasheet HTML 14Page - Analog Devices AD824 Datasheet HTML 15Page - Analog Devices AD824 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD824
APPLICATIONS INFORMATION
SINGLE SUPPLY VOLTAGE-TO-FREQUENCY
CONVERTER
The circuit shown in Figure 32 uses the AD824 to drive a low
power timer, which produces a stable pulse of width, t1. The
positive going output pulse is integrated by R1 and C1 and used
as one input to the AD824, which is connected as a differential
integrator. The other input (nonloading) is the unknown
voltage, VIN. The AD824 output drives the timer trigger input,
closing the overall feedback loop.
1/4
AD824
U4
REF02
RSCALE**
10kΩ
2
6
5
4
3
VREF = 5V
CMOS
74HCO4
4
3
2
1
U3B
U3A
OUT2
OUT1
10V
U1
2
6
5
3
7
1
4
8
U2
CMOS 555
TR
THR
DIS
CV
OUT
R
V+
GND
0V TO 2.5V
FULL SCALE
C3
0.1µF
C4
0.1µF
C6
390pF
5%
(NPO)
R2
499kΩ
1%
R3*
116kΩ
C2
0.01µF
2%
C1
0.01µF
2%
C5
0.1µF
R1
499kΩ
1%
NOTES
fOUT = VIN/(VREF × t1), t1 = 1.1 × R3 × C6 = 25kHz fS AS SHOWN.
* = 1% METAL FILM, <50ppm/°C TC
** = 10%, 20T FILM, <100ppm/°C TC
t1 = 33µs FOR fOUT = 20kHz @ VIN = 2.0V
Figure 32. Single Supply Voltage-to-Frequency Converter
Typical AD824 bias currents of 2 pA allow MΩ range source
impedances with negligible dc errors. Linearity errors of 0.01%
full scale can be achieved with this circuit. This performance is
obtained with a 5 V single supply, which delivers less than 3 mA
to the entire circuit.
SINGLE SUPPLY PROGRAMMABLE GAIN
INSTRUMENTATION AMPLIFIER
The AD824 can be configured as a single supply instrumenta-
tion amplifier that is able to operate from single supplies down
to 5 V or dual supplies up to ±15 V. AD824 FET inputs bias
currents of 2 pA minimize offset errors caused by high
unbalanced source impedances.
An array of precision thin-film resistors sets the in amp gain to
be either 10 or 100. These resistors are laser-trimmed to ratio
match to 0.01% and have a maximum differential TC of
5 ppm/°C.
Table 6. AD824 In Amp Performance
Parameter
VS = 3 V, 0 V
VS = ±5 V
CMRR
74 dB
80 dB
Common-Mode Voltage Range
−0.2 V to +2 V
−5.2 V to +4 V
3 dB BW
G = 10
180 kHz
180 kHz
G = 100
18 kHz
18 kHz
tSETTLING
2 V Step (VS = 0 V, 3 V)
2 μs
5 V (VS = ± 5 V)
5 μs
Noise @ f = 1 kHz
G = 10
270 nV/√Hz
270 nV/√Hz
G = 100
2.2 μV/√Hz
2.2 μV/√Hz
10
0%
100
90
1V
5µs
Figure 33. Pulse Response of In Amp to a 500 mV p-p Input Signal;
VS = 5 V, 0 V; Gain = 10
VOUT
+VS
0.1µF
R6
90kΩ
R5
9kΩ
R4
1kΩ
R3
1kΩ
R2
9kΩ
R1
90kΩ
G = 10
G = 10
G = 100
G = 100
OHMTEK
PART #1043
2
1
3
6
7
5
11
1/4
AD824
1/4
AD824
VREF
VIN1
RP
1kΩ
RP
1kΩ
VIN2
(G = 10) VOUT = (VIN1 – VIN2)(1 +
) + VREF
R6
R4 + R5
FOR R1 = R6, R2 = R5 AND R3 = R4
(G = 10) VOUT = (VIN1 – VIN2)(1 +
) + VREF
R5 + R6
R4
Figure 34. A Single Supply Programmable Instrumentation Amplifier
Rev. E | Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com