Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7440BRTZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7440BRTZ-R2
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440BRTZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7440BRTZ-R2 Datasheet HTML 19Page - Analog Devices AD7440BRTZ-R2 Datasheet HTML 20Page - Analog Devices AD7440BRTZ-R2 Datasheet HTML 21Page - Analog Devices AD7440BRTZ-R2 Datasheet HTML 22Page - Analog Devices AD7440BRTZ-R2 Datasheet HTML 23Page - Analog Devices AD7440BRTZ-R2 Datasheet HTML 24Page - Analog Devices AD7440BRTZ-R2 Datasheet HTML 25Page - Analog Devices AD7440BRTZ-R2 Datasheet HTML 26Page - Analog Devices AD7440BRTZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Data Sheet
AD7440/AD7450A
Rev. D | Page 27 of 27
ORDERING GUIDE
Model1
Temperature Range
Linearity Error (LSB)2
Package
Description
Package Option
Branding
AD7440BRTZ-REEL7
–40°C to +85°C
±0.5
8-lead SOT-23
RJ-8
C3J
AD7440BRTZ-R2
–40°C to +85°C
±0.5
8-lead SOT-23
RJ-8
C3J
AD7440BRMZ
–40°C to +85°C
±0.5
8-lead MSOP
RM-8
C3J
AD7450ABRTZ-REEL7
–40°C to +85°C
±1
8-lead SOT-23
RJ-8
C4N
AD7450ABRMZ
–40°C to +85°C
±1
8-lead MSOP
RM-8
C4N
EVAL-AD7450ASDZ
Evaluation Board
EVAL-SDP-CB1Z
Controller Board
1 Z = RoHS Compliant Part.
2 Linearity error refers to integral nonlinearity error.
©2003–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03051-0-7/15(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com