Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSM1365-R18M Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # WSM1365-R18M
Description  WIRE WOUND SMD INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSM1365-R18M Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  WSM1365-R18M Datasheet HTML 1Page - AiT Semiconductor Inc. WSM1365-R18M Datasheet HTML 2Page - AiT Semiconductor Inc. WSM1365-R18M Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
WSM
●FEATURE
1.
Shielded construction
2.
Frequency range up to 5MHz, Low DCR(uH)
3.
Low Buzz Noise
●APPLICATION
1.
Notebook, server application
2.
High current power supplier
●ORDERING INFORMATION
WSM1365
-R18
T
PN
Inductance
M:±20%
●SHAPE AND DIMENSION
●SCHEMATICS AND LAND PATTERNS(mm)
TOP VIEW
SIDE VIEW
●SPECIFICATION (Marking=Inductance Value)
Dimension in mm
TYPE
A
B
C
G
H
I
WSM1365
13.50 MAX
12.90 MAX
6.50 MAX
13.75
4.95
7.8
WSM1050
10.5±1.0
10.2±0.5
5.30 MAX
11.50
4.00
3.8
WSM1350
13.0±1.0
12.8±0.5
5.00 MAX
13.75
4.95
7.8


Similar Part No. - WSM1365-R18M

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WSM1 WELWYN-WSM1 Datasheet
75Kb / 2P
Moulded Surface Mount Wirewound Resistors
logo
TT Electronics.
WSM1 TTELEC-WSM1 Datasheet
1Mb / 3P
Moulded Surface Mount Wirewound Resistors
08.21
logo
IRC - a TT electronics ...
WSM16801FLFTR IRCTT-WSM16801FLFTR Datasheet
163Kb / 3P
Molded Surface Mount Wirewound Resistor
WSM16801GLFTR IRCTT-WSM16801GLFTR Datasheet
163Kb / 3P
Molded Surface Mount Wirewound Resistor
WSM16801JLFTR IRCTT-WSM16801JLFTR Datasheet
163Kb / 3P
Molded Surface Mount Wirewound Resistor
More results

Similar Description - WSM1365-R18M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
744775330 ETC2-744775330 Datasheet
90Kb / 2P
WE-ASI SMD Wire Wound Inductor
logo
Wurth Elektronik GmbH &...
74458303 WURTH-74458303 Datasheet
1Mb / 5P
WE-ASI SMD Wire Wound Inductor
744775360 WURTH-744775360 Datasheet
783Kb / 5P
WE-ASI SMD Wire Wound Inductor
744776333 WURTH-744776333 Datasheet
806Kb / 5P
WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
WE-ASI SMD Wire Wound Inductor
logo
AiT Semiconductor Inc.
WSA AITSEMI-WSA Datasheet
286Kb / 4P
WIRE WOUND SMD INDUCTOR
WSC AITSEMI-WSC Datasheet
348Kb / 3P
WIRE WOUND SMD INDUCTOR 10uH짹20% / 1.0A
WSF AITSEMI-WSF Datasheet
464Kb / 15P
WIRE WOUND SMD INDUCTOR
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
WSS AITSEMI-WSS Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com