Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA Datasheet(PDF) 3 Page - C&K Components

Part # CA
Description  Illuminated Power Rocker Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CA Datasheet(HTML) 3 Page - C&K Components

  CA Datasheet HTML 1Page - C&K Components CA Datasheet HTML 2Page - C&K Components CA Datasheet HTML 3Page - C&K Components CA Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ACTUATOR
G-78
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
G
C&K CA Series
Illuminated Power Rocker Switches
Third Angle
Projection
SP
DP
SP
DP
SP
DP
J1
(STD.) ROCKER
J6
FLAT ROCKER
J7
CURVED ROCKER
7
(STD.) 125 V NEON
8
250 V NEON
2
(STD.) BLACK
1
WHITE
HOUSING
COLOR
OPTION
CODE
3
(STD.) RED TRANSLUCENT
4
ORANGE
5
YELLOW
6
GREEN
ACTUATOR
COLOR
OPTION
CODE
NOTE: Housing frame finish: matte. Special colors
available, consult Customer Service Center.
NOTE: Special colors available,
consult Customer Service Center.
ACTUATOR COLOR
NEON LAMP VOLTAGE
HOUSING COLOR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com