Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD08RL1AK-R Datasheet(PDF) 4 Page - C&K Components

Part # CD08RL1AK-R
Description  8mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CD08RL1AK-R Datasheet(HTML) 4 Page - C&K Components

  CD08RL1AK-R Datasheet HTML 1Page - C&K Components CD08RL1AK-R Datasheet HTML 2Page - C&K Components CD08RL1AK-R Datasheet HTML 3Page - C&K Components CD08RL1AK-R Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown inch (mm)
Dimensions subject to change
www.ittcannon.com
H-25
H
C&K CD Series
8mm DIP Coded Rotary Switches
TERMINATIONS
C PC THRU-HOLE
A RIGHT ANGLE, PC THRU-HOLE
S SURFACE MOUNT
.200
(5,08)
.100 TYP.
(2,54)
Ø.032
(0,81)
TYP.
.050.
(1,27)
.200
(5,08)
.100
(2,54)
.020 TYP.
(0,51)
.010
(0,25)
.183
(4,64)
TYP.
.025
(0,64)
.025
(0,64)
.132
(3,34)
.025 TYP.
(0,64)
STAND-OFF
.315
(8,00)
.330
(8,36)
.315
(8,00)
.099
(2,52)
1C
4
.200
(5,08)
8
1
3
2
.200
(5,08)
.100
(2,54)
.010 TYP.
(0,25)
.168
(4,27)
.025 TYP.
(0,64)
.025 TYP.
(0,64)
.125 TYP.
(3,18)
.305
(7,75)
.315
(8,00)
.315
(8,00)
.100 TYP.
(2,54)
.100
(2,54)
.032 TYP.
(0,81)
.020 TYP.
(0,51)
.300
(7,62)
8
C
2
1
C
4
F 1
0
.020 TYP.
(0,51)
.010 THK.
(0,25)
.040 TYP.
(1,02)
.315
(8,00)
.315
(8,00)
.200
(5,08)
.390
(9,90)
.174
(4,41)
.006
(0,15)
.100
(2,54)
8
C
2
1
C
4
.200
(5,08)
.100 TYP.
(2,54)
.080
(2,03)
.050
(1,27)
TYP.
.430
(10,92)
0
9
1
CONTACT MATERIAL
OPTION
CONTACT
TERMINAL
RATING
CODE
MATERIAL
PLATING
K (STD.)
GOLD
TIN-LEAD
LOW LEVEL/DRY CIRCUIT
0.4 VC MAX. @ 20 V AC or DC MAX.
TAPE & REEL
For part number CDxxMOSK
Reel Information
Outside diameter
13.00 (333,0)
Pilot hole
.512 (13,0)
Third Angle
Projection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com