Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT4401
Description  NPN General-Purpose Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT4401 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT4401 Datasheet HTML 1Page - ON Semiconductor MMBT4401 Datasheet HTML 2Page - ON Semiconductor MMBT4401 Datasheet HTML 3Page - ON Semiconductor MMBT4401 Datasheet HTML 4Page - ON Semiconductor MMBT4401 Datasheet HTML 5Page - ON Semiconductor MMBT4401 Datasheet HTML 6Page - ON Semiconductor MMBT4401 Datasheet HTML 7Page - ON Semiconductor MMBT4401 Datasheet HTML 8Page - ON Semiconductor MMBT4401 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Publication Order Number:
MMBT4401/D
© 2001
Semiconductor Components Industries, LLC.
September-2017, Rev. 2
2N4401 / MMBT4401
NPN General-Purpose Amplifier
Ordering Information
Figure 1. 2N4401 Device Package
Figure 2. MMBT4401 Device Package
Part Number
Marking
Package
Packing Method
2N4401BU
2N4401
TO-92 3L
Bulk
2N4401TF
2N4401
TO-92 3L
Tape and Reel
2N4401TFR
2N4401
TO-92 3L
Tape and Reel
2N4401TA
2N4401
TO-92 3L
Ammo
2N4401TAR
2N4401
TO-92 3L
Ammo
MMBT4401
2X
SOT-23 3L
Tape and Reel
EB C
TO-92
SOT-23
Mark:2X
C
B
E
Description
This device is designed for use as a medium power
amplifier and switch requiring collector currents up to
500 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com