Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPA10-R-S-B-R Datasheet(PDF) 1 Page - C&K Components

Part # BPA10-R-S-B-R
Description  Side Actuated DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

BPA10-R-S-B-R Datasheet(HTML) 1 Page - C&K Components

  BPA10-R-S-B-R Datasheet HTML 1Page - C&K Components BPA10-R-S-B-R Datasheet HTML 2Page - C&K Components BPA10-R-S-B-R Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H
H–24
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
Specifications
SWITCH FUNCTION: 1 thru 10 and 12 position available.
CONTACT RATING: 100 mA max. @ 5 V DC or 25 mA max.
@ 24 V DC.
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles min.
@ 5 V DC 10mA.
CONTACT RESISTANCE: 50 milliohms initial max.
INSULATION RESISTANCE: 100 V DC 100 megohms min.
DIELECTRIC WITHSTAND VOLTAGE: 300 V AC for 1 minute.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -20°C to 85°C.
OPERATING FORCE: 800 grams max.
SOLDERABILITY: Flow solderable and washable
(soldering: 260°C for 10 sec. max.)
PACKAGING: Switches supplied in rigid dispensing tubes in full-
tube quantities only, this may affect order quantity. Numbers
of switches per tube varies with model. Tape and reel
packaging available for SMT options.
Materials
HOUSING: PPS, color black (UL94V-0).
COVER: PPS, color black (UL94V-0).
ACTUATOR: PA-6T (UL94V-0).
CONTACTS: Beryllium Copper with Gold over Nickel plate.
TERMINALS: Brass, Gold over Nickel plate.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
BPA Series
Side Actuated DIP Switches
Features/Benefits
Side actuated contacts
Available in thru-hole or
SMT models
High pressure contact system does
not require tape seal for washing
RoHS compliant & compatible
Typical Applications
Address switch for industrial controls
Logic switching for computers and
peripherals
Function controlling for numerous
applications
Model
BPA01 1 position
BPA02 2 positions
BPA03 3 positions
BPA04 4 positions
BPA05 5 positions
BPA06 6 positions
BPA07 7 positions
BPA08 8 positions
BPA09 9 positions
BPA10 10 positions
BPA12 12 positions
On Position
NONE Down
R
Up
Terminations
NONE PC
S Gull wing
Packaging
NONE Tube
R Tape and Reel (Surface Mount only)
BP A
B
Contact material
B BeCu, Gold over nickel plate
How To Order
The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate
box.
All switches supplied in “OFF” position.
13 feb 19


Similar Part No. - BPA10-R-S-B-R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BPA10B ITT-BPA10B Datasheet
181Kb / 2P
Side Actuated DIP Switches
logo
C&K Components
BPA10B CK-COMPONENTS-BPA10B Datasheet
168Kb / 3P
Side Actuated DIP Switches
logo
ITT Industries
BPA10K ITT-BPA10K Datasheet
181Kb / 2P
Side Actuated DIP Switches
BPA10SB ITT-BPA10SB Datasheet
181Kb / 2P
Side Actuated DIP Switches
logo
C&K Components
BPA10SB CK-COMPONENTS-BPA10SB Datasheet
168Kb / 3P
Side Actuated DIP Switches
More results

Similar Description - BPA10-R-S-B-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP12 ETC1-BP12 Datasheet
254Kb / 2P
Side Actuated DIP Switcehs
logo
ITT Industries
BPA02B ITT-BPA02B Datasheet
181Kb / 2P
Side Actuated DIP Switches
logo
CTS Corporation
194 CTS-194 Datasheet
1Mb / 2P
Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
Side Actuated, Through Hole DIP Switches
logo
OEN India Limited
25-200 OENINDIA-25-200 Datasheet
352Kb / 1P
ROCKER ACTUATED DIP SWITCHES
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
Side Actuated DIP Switches
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
Side Actuated Detect Switches
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
Side Actuated DIP Switch
logo
C&K Components
BP CK-COMPONENTS-BP Datasheet
58Kb / 3P
Side Actuated DIP Switches
1997
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com