Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP08-R-KT Datasheet(PDF) 1 Page - C&K Components

Part # BP08-R-KT
Description  Side Actuated DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

BP08-R-KT Datasheet(HTML) 1 Page - C&K Components

  BP08-R-KT Datasheet HTML 1Page - C&K Components BP08-R-KT Datasheet HTML 2Page - C&K Components BP08-R-KT Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BP04KE
BP01
(NONE)
K
E
BP02
R
Y
T
BP03
BP04
BP05
BP06
BP07
BP08
BP10
BP12
MODEL
SWITCH
FUNCTION
CONTACT
MATERIAL
SEAL
BP01KE
BP08KT
Side Actuated DIP Switches
BP Series
D
D-5
COMPONENTS, INC.
57 Stanley Avenue, Watertown, MA 02172
Tel: (617) 926-6400
Fax: (617) 926-6846
Sales: (800) 635-5936
Easy Build-A-Switch
Below is a complete listing of available options for BP SERIES SIDE ACTUATED DIP SWITCHES. Build-A-Switch allows you to
mix and match options to create the switch you need — simply select desired option from each category. All available options are
shown on pages D-6. Dashes, hyphens or spaces in the part number are not significant and are shown for clarity only. Complete
HOW TO ORDER information is at the end of this section, page D-7.


Similar Part No. - BP08-R-KT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP08 ETC1-BP08 Datasheet
254Kb / 2P
Side Actuated DIP Switcehs
logo
Frontier Electronics.
BP0862A1008AT FRONTIER-BP0862A1008AT Datasheet
145Kb / 2P
Surface mount band pass filter with a small size of 2.5 X 2.0 X 0.8 mm, RoHS compliant.
logo
List of Unclassifed Man...
BP08KE ETC1-BP08KE Datasheet
254Kb / 2P
Side Actuated DIP Switcehs
BP08KT ETC1-BP08KT Datasheet
254Kb / 2P
Side Actuated DIP Switcehs
BP08RKE ETC1-BP08RKE Datasheet
254Kb / 2P
Side Actuated DIP Switcehs
More results

Similar Description - BP08-R-KT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP12 ETC1-BP12 Datasheet
254Kb / 2P
Side Actuated DIP Switcehs
logo
ITT Industries
BPA02B ITT-BPA02B Datasheet
181Kb / 2P
Side Actuated DIP Switches
logo
CTS Corporation
194 CTS-194 Datasheet
1Mb / 2P
Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
Side Actuated, Through Hole DIP Switches
logo
OEN India Limited
25-200 OENINDIA-25-200 Datasheet
352Kb / 1P
ROCKER ACTUATED DIP SWITCHES
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
Side Actuated DIP Switches
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
Side Actuated Detect Switches
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
Side Actuated DIP Switch
logo
C&K Components
BPA CK-COMPONENTS-BPA_V01 Datasheet
233Kb / 3P
Side Actuated DIP Switches
2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com