Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FODM1007R2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FODM1007R2
Description  Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FODM1007R2 Datasheet(HTML) 2 Page - ON Semiconductor

  FODM1007R2 Datasheet HTML 1Page - ON Semiconductor FODM1007R2 Datasheet HTML 2Page - ON Semiconductor FODM1007R2 Datasheet HTML 3Page - ON Semiconductor FODM1007R2 Datasheet HTML 4Page - ON Semiconductor FODM1007R2 Datasheet HTML 5Page - ON Semiconductor FODM1007R2 Datasheet HTML 6Page - ON Semiconductor FODM1007R2 Datasheet HTML 7Page - ON Semiconductor FODM1007R2 Datasheet HTML 8Page - ON Semiconductor FODM1007R2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FODM100x Series
www.onsemi.com
2
SAFETY AND INSULATION RATINGS (As per DIN EN/IEC 60747−5−5, this optocoupler is suitable for “safe electrical insulation”
only within the safety limit data. Compliance with the safety ratings shall be ensured by means of protective circuits.)
Parameter
Characteristics
Installation Classifications per DIN VDE
0110/1.89 Table 1, For Rated Mains Voltage
<150 VRMS
I–IV
<300 VRMS
I–III
Climatic Classification
40/110/21
Pollution Degree (DIN VDE 0110/1.89)
2
Comparative Tracking Index
175
Symbol
Parameter
Value
Unit
VPR
Input−to−Output Test Voltage, Method A, VIORM x 1.6 = VPR,
Type and Sample Test with tm = 10 s, Partial Discharge < 5 pC
1,426
Vpeak
Input−to−Output Test Voltage, Method B, VIORM x 1.875 = VPR,
100% Production Test with tm = 1 s, Partial Discharge < 5 pC
1,671
Vpeak
VIORM
Maximum Working Insulation Voltage
890
Vpeak
VIOTM
Highest Allowable Over−Voltage
6.000
Vpeak
External Creepage
≥8.0
mm
External Clearance
≥8.0
mm
DTI
Distance Through Insulation (Insulation Thickness)
≥0.4
mm
TS
Case Temperature (Note 1)
150
°C
IS,INPUT
Input Current (Note 1)
200
mA
PS,OUTPUT
Output Power (Note 1)
300
mW
RIO
Insulation Resistance at TS, VIO = 500 V (Note 1)
>109
W
1. Safety limit values – maximum values allowed in the event of a failure.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
Symbol
Parameter
Value
Unit
TOTAL PACKAGE
TSTG
Storage Temperature
−55 to +150
°C
TOPR
Operating Temperature
−40 to +110
°C
TJ
Junction Temperature
−40 to +125
°C
EMITTER
IF(avg)
Continuous Forward Current
50
mA
IF(pk)
Continuous Forward Current (1 ms Pulse, 300 pps)
1
A
VR
Reverse Input Voltage
6
V
PDLED
LED Power Dissipation @ TA = 25°C (Note 2)
100
mW
Derate Above 25°C
0.9
mW/°C
DETECTOR
IC
Continuous Collector Current
50
mA
VCEO
Collector−Emitter Voltage
70
V
VECO
Emitter−Collector Voltage
7
V
PDC
Detector Power Dissipation @ TA = 25°C (Note 2)
150
mW
Derate Above 25°C
1.47
mW/°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. Functional operation under these conditions is not implied. Permanent damage may occur if the device is subjected to conditions outside
these ratings.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com