Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FODM1007R2V Datasheet(PDF) 3 Page - ON Semiconductor

Part # FODM1007R2V
Description  Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FODM1007R2V Datasheet(HTML) 3 Page - ON Semiconductor

  FODM1007R2V Datasheet HTML 1Page - ON Semiconductor FODM1007R2V Datasheet HTML 2Page - ON Semiconductor FODM1007R2V Datasheet HTML 3Page - ON Semiconductor FODM1007R2V Datasheet HTML 4Page - ON Semiconductor FODM1007R2V Datasheet HTML 5Page - ON Semiconductor FODM1007R2V Datasheet HTML 6Page - ON Semiconductor FODM1007R2V Datasheet HTML 7Page - ON Semiconductor FODM1007R2V Datasheet HTML 8Page - ON Semiconductor FODM1007R2V Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FODM100x Series
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
INDIVIDUAL COMPONENT CHARACTERISTICS
Symbol
Parameter
Device
Test Conditions
Min
Typ
Max
Unit
EMITTER
VF
Forward Voltage
All
IF = 50 mA
−
1.4
1.6
V
IR
Reverse Current
All
VR = 4 V
−
−
10
mA
DETECTOR
BVCEO
Breakdown Voltage
Collector to Emitter
All
IC = 1 mA, IF = 0
70
−
−
V
BVECO
Emitter to Collector
All
IE = 0.1 mA, IF = 0
7
−
−
V
ICEO
Collector Dark Current
All
VCE = 70 V, IF = 0
−
−
100
nA
CCE
Capacitance
All
VCE = 0 V, f = 1 MHz
−
5
−
pF
DC TRANSFER CHARACTERISTICS
Symbol
Parameter
Device
Test Conditions
Min
Typ
Max
Unit
CTR
DC Current Transfer Ratio
FODM1007
IF = 5 mA, VCE = 5 V
80
−
160
%
FODM1008
130
−
260
FODM1009
200
−
400
VCE(SAT)
Saturation Voltage
All
IF = 10 mA, IC = 1 mA
−
−
0.3
V
AC TRANSFER CHARACTERISTICS
Symbol
Parameter
Device
Test Conditions
Min
Typ
Max
Unit
tr
Rise Time
(Non−Saturated)
All
IC = 2 mA, VCE = 5 V, RL = 100 W
−
5.7
18.0
ms
tf
Fall Time (Non−Saturated) All
IC = 2 mA, VCE = 5 V, RL = 100 W
−
8.5
18.0
ISOLATION CHARACTERISTICS
Symbol
Parameter
Device
Test Conditions
Min
Typ
Max
Unit
VISO
Steady State Isolation
Voltage
All
TA = 25°C, R.H. < 50%,
t =1.0 min., II−O ≤ 20 mA
5,000
−
−
VACRMS
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com