Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMPAL-EPR Datasheet(PDF) 1 Page - Festo Corporation.

Part # VMPAL-EPR
Description  End plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VMPAL-EPR Datasheet(HTML) 1 Page - Festo Corporation.

  VMPAL-EPR Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
End plate
VMPAL-EPR
Part number: 560945
Data sheet
Feature
Value
Width
24.8 mm
Length
107.3 mm
Integrated function
Coding cover for determining the control air supply (internal or external)
Valve manifold design
Valve sizes can be mixed
Operating pressure
-0.09 MPa ... 1 MPa
Operating pressure
-0.9 bar ... 10 bar
Pilot pressure MPa
0.3 MPa ... 0.8 MPa
Pilot pressure
3 bar ... 8 bar
Corrosion resistance class (CRC)
3 - High corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Degree of protection
IP65
IP67
Note on degree of protection
In mounted state
Ambient temperature
-5 °C ... 50 °C
Product weight
180 g
Pilot air port 12/14
M7
Pilot exhaust air port 82/84
M7
Note on materials
RoHS-compliant
End plate material
Die-cast aluminum
PA-reinforced
8/3/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VMPAL-EPR

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMPAL-EPR-SP FESTO-VMPAL-EPR-SP Datasheet
81Kb / 1P
End plate
8/3/22
More results

Similar Description - VMPAL-EPR

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
550214 FESTO-550214 Datasheet
66Kb / 1P
End plate
576316 FESTO-576316 Datasheet
84Kb / 1P
End plate
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
533372 FESTO-533372 Datasheet
75Kb / 1P
End plate
7/31/22
560942 FESTO-560942 Datasheet
77Kb / 1P
End plate
8/3/22
560947 FESTO-560947 Datasheet
81Kb / 1P
End plate
8/3/22
533370 FESTO-533370 Datasheet
76Kb / 1P
End plate
8/4/22
576557 FESTO-576557 Datasheet
83Kb / 1P
End plate
8/7/22
576559 FESTO-576559 Datasheet
83Kb / 1P
End plate
8/7/22
576560 FESTO-576560 Datasheet
62Kb / 1P
End plate
8/7/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com