Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD882AM3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTD882AM3
Description  Low VCE(sat) NPN Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD882AM3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTD882AM3 Datasheet HTML 1Page - Cystech Electonics Corp. BTD882AM3 Datasheet HTML 2Page - Cystech Electonics Corp. BTD882AM3 Datasheet HTML 3Page - Cystech Electonics Corp. BTD882AM3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C848M3-H
Issued Date : 2003.06.17
Revised Date : 2005.07.11
Page No. : 2/4
BTD882AM3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
80
-
-
V
IC=50µA, IE=0
BVCEO
50
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=50µA, IC=0
ICBO
-
-
1
µA
VCB=50V. IE=0
IEBO
-
-
1
µA
VEB=3V,IC=0
*VCE(sat)
-
0.25
0.5
V
IC=2A, IB=0.2A
*VBE(sat)
-
-
2
V
IC=2A, IB=0.2A
*hFE1
120
-
-
-
VCE=2V, IC=100mA
*hFE2
160
-
820
-
VCE=2V, IC=500mA
*hFE3
100
-
-
-
VCE=2V, IC=1A
fT
-
90
-
MHz
VCE=5V, IC=0.1A, f=100MHz
Cob
-
45
-
pF
VCB=10V, f=1MHz
*Pulse Test : Pulse Width
≤380µs, Duty Cycle≤2%
Classification Of hFE2
Rank
P
E
T
Range
160~320
270~560
390~820



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com