Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMPAL-EU Datasheet(PDF) 1 Page - Festo Corporation.

Part # VMPAL-EU
Description  Plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VMPAL-EU Datasheet(HTML) 1 Page - Festo Corporation.

  VMPAL-EU Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plate
VMPAL-EU
Part number: 560955
Data sheet
Feature
Value
Width
18.7 mm
Length
107.3 mm
Integrated function
Flat plate silencer
Valve manifold design
Valve sizes can be mixed
Operating pressure
-0.09 MPa ... 1 MPa
Operating pressure
-0.9 bar ... 10 bar
Corrosion resistance class (CRC)
3 - High corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Ambient temperature
-5 °C ... 50 °C
Product weight
60 g
Note on materials
RoHS-compliant
Plate material
PA
8/4/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VMPAL-EU

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMPAL-EG FESTO-VMPAL-EG Datasheet
58Kb / 1P
Plate
8/1/2
VMPAL-EG-QS10 FESTO-VMPAL-EG-QS10 Datasheet
74Kb / 1P
Plate
8/2/22
VMPAL-EPL-AP FESTO-VMPAL-EPL-AP Datasheet
79Kb / 2P
End plate
8/3/22
VMPAL-EPL-CPX FESTO-VMPAL-EPL-CPX Datasheet
73Kb / 1P
End plate
8/3/22
VMPAL-EPL-FL40-IP40 FESTO-VMPAL-EPL-FL40-IP40 Datasheet
77Kb / 1P
End plate
8/3/22
More results

Similar Description - VMPAL-EU

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
5395254 FESTO-5395254 Datasheet
46Kb / 1P
Blind plate
7/21/22
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
533372 FESTO-533372 Datasheet
75Kb / 1P
End plate
7/31/22
560956 FESTO-560956 Datasheet
58Kb / 1P
Plate
8/1/2
560957 FESTO-560957 Datasheet
74Kb / 1P
Plate
8/2/22
560959 FESTO-560959 Datasheet
75Kb / 1P
Plate
8/4/22
576559 FESTO-576559 Datasheet
83Kb / 1P
End plate
8/7/22
576560 FESTO-576560 Datasheet
62Kb / 1P
End plate
8/7/22
576492 FESTO-576492 Datasheet
82Kb / 1P
Supply plate
8/8/22
8026317 FESTO-8026317 Datasheet
91Kb / 1P
Supply plate
8/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com