Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMPAL-EPL-AP Datasheet(PDF) 2 Page - Festo Corporation.

Part # VMPAL-EPL-AP
Description  End plate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VMPAL-EPL-AP Datasheet(HTML) 2 Page - Festo Corporation.

  VMPAL-EPL-AP Datasheet HTML 1Page - Festo Corporation. VMPAL-EPL-AP Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Storage temperature
-40 °C ... 70 °C
Relative air humidity
5 - 95 %
Non-condensing
Protection against direct and indirect contact
PELV
SELV
Degree of protection
IP65
IP67
Note on degree of protection
In mounted state
Unused connections sealed
Ambient temperature
-5 °C ... 50 °C
Nominal altitude of use above sea level
<= 2000 m NHN
Max. tightening torque
1.7 Nm
Product weight
194 g
Max. cable length
50 m system communication
Communication interface, function
System communication XF10 IN / XF20 OUT
Communication interface, connection type
2x socket
Communication interface, connection technology
M8x1, D-coded as per EN 61076-2-114
Communication interface, number of pins/wires
4
Communication interface, protocol
AP-COM
Communication interface, shielding
yes
Type of mounting
Tie rod
Note on materials
RoHS-compliant
Housing material
Die cast aluminum, painted
PA-reinforced
Threaded sleeve material
Brass, nickel-plated
8/3/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com