Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR862DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR862DP
Description  N-Channel 25 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR862DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR862DP_V01 Datasheet HTML 1Page - Vishay Siliconix SIR862DP_V01 Datasheet HTML 2Page - Vishay Siliconix SIR862DP_V01 Datasheet HTML 3Page - Vishay Siliconix SIR862DP_V01 Datasheet HTML 4Page - Vishay Siliconix SIR862DP_V01 Datasheet HTML 5Page - Vishay Siliconix SIR862DP_V01 Datasheet HTML 6Page - Vishay Siliconix SIR862DP_V01 Datasheet HTML 7Page - Vishay Siliconix SIR862DP_V01 Datasheet HTML 8Page - Vishay Siliconix SIR862DP_V01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiR862DP
www.vishay.com
Vishay Siliconix
S10-0041-Rev. A, 11-Jan-10
1
Document Number: 65672
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 25 V (D-S) MOSFET
FEATURES
• TrenchFET ® power MOSFET
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
•DC/DC conversion
- Low side switch
• Notebook
• Server
• Game console
Notes
a. Based on TC = 25 °C
b. Surface mounted on 1" x 1" FR4 board
c. t = 10 s
d. Maximum under steady state conditions is 65 °C/W
e. Package limited
f. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection
g. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
PRODUCT SUMMARY
VDS (V)
25
RDS(on) max. () at VGS = 10 V
0.0028
RDS(on) max. () at VGS = 4.5 V
0.0035
Qg typ. (nC)
28.4
ID (A) a, e
50
Configuration
Single
PowerPAK® SO-8 Single
Top View
1
6.15
mm
5.15
mm
Bottom View
4
G
3
S
2
S
1
S
D
8
D
6
D
7
D
5
N-Channel MOSFET
G
D
S
ORDERING INFORMATION
Package
PowerPAK SO-8
Lead (Pb)-free and halogen-free
SiR862DP-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
25
V
Gate-source voltage
VGS
± 20
Continuous drain current (TJ = 150 °C)
TC = 25 °C
ID
50 e
A
TC = 70 °C
50 e
TA = 25 °C
32 b, c
TA = 70 °C
22.8 b, c
Pulsed drain current
IDM
70
Continuous source-drain diode current
TC = 25 °C
IS
50 e
TA = 25 °C
4.7 b, c
Single pulse avalanche current
L = 0.1 mH
IAS
40
Avalanche energy
EAS
80
mJ
Maximum power dissipation
TC = 25 °C
PD
69
W
TC = 70 °C
44.4
TA = 25 °C
5.2 b, c
TA = 70 °C
3.3 b, c
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) f, g
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient b, d
t
 10 s
RthJA
19
24
°C/W
Maximum junction-to-case (drain)
Steady state
RthJC
1.2
1.8


Similar Part No. - SIR862DP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR862DP-T1-GE3 VISHAY-SIR862DP-T1-GE3 Datasheet
114Kb / 7P
N-Channel 25-V (D-S) MOSFET
11-Jan-10
More results

Similar Description - SIR862DP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
N-Channel 25-V (D-S) MOSFET
31-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com