Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMPA14-RV Datasheet(PDF) 1 Page - Festo Corporation.

Part # VMPA14-RV
Description  Non return valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VMPA14-RV Datasheet(HTML) 1 Page - Festo Corporation.

  VMPA14-RV Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non return valve
VMPA14-RV
Part number: 8039820
Data sheet
Feature
Value
Valve function
Unlockable non-return function
Actuation type
Pneumatic
Type of mounting
Clip
Standard nominal flow rate
350 l/min
Operating pressure
0.05 MPa ... 0.8 MPa
Operating pressure
0.5 bar ... 8 bar
Pilot pressure MPa
0.05 MPa ... 0.8 MPa
Pilot pressure
0.5 bar ... 8 bar
Pilot pressure psi
7.25 psi ... 116 psi
Ambient temperature
-5 °C ... 50 °C
Housing material
POM
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Mounting position
Any
Actuation type, piloted non-return function
Pneumatic
Operating pressure for entire temperature range
0.5 bar ... 8 bar
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
4 - Particularly high corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-20 °C ... 40 °C
Temperature of medium
-5 °C ... 50 °C
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Product weight
0.17 g
Note on materials
RoHS-compliant
Seals material
NBR
8/7/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VMPA14-RV

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMPA14-AP-4-1-EMM-8 FESTO-VMPA14-AP-4-1-EMM-8 Datasheet
91Kb / 1P
Sub-base
8/3/22
VMPA14-AP-4-1-EMS-8 FESTO-VMPA14-AP-4-1-EMS-8 Datasheet
89Kb / 1P
Sub-base
8/3/22
VMPA14-FB-AP-4-1-S1 FESTO-VMPA14-FB-AP-4-1-S1 Datasheet
88Kb / 1P
Sub-base
8/3/22
VMPA14-FB-AP-4-1-T1 FESTO-VMPA14-FB-AP-4-1-T1 Datasheet
88Kb / 1P
Sub-base
8/3/22
VMPA14-FB-EMG-8 FESTO-VMPA14-FB-EMG-8 Datasheet
81Kb / 1P
Electronics module
8/9/22
More results

Similar Description - VMPA14-RV

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
34878 FESTO-34878 Datasheet
75Kb / 1P
Piloted non return valve
4/11/22
34880 FESTO-34880 Datasheet
74Kb / 1P
Piloted non return valve
4/11/22
530029 FESTO-530029 Datasheet
88Kb / 2P
Piloted non return valve
4/11/22
530033 FESTO-530033 Datasheet
81Kb / 2P
Piloted non return valve
4/11/22
530039 FESTO-530039 Datasheet
86Kb / 2P
Piloted non return valve
4/11/22
530044 FESTO-530044 Datasheet
90Kb / 2P
Piloted non return valve
4/11/22
543253 FESTO-543253 Datasheet
79Kb / 2P
Piloted non return valve
4/11/22
1927027 FESTO-1927027 Datasheet
104Kb / 1P
Non return valve
4/11/22
8001460 FESTO-8001460 Datasheet
104Kb / 1P
Non return valve
4/11/22
8039821 FESTO-8039821 Datasheet
94Kb / 1P
Non return valve
8/7/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com