Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSL10SIP Datasheet(PDF) 2 Page - ON Semiconductor

Part # RSL10SIP
Description  RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RSL10SIP Datasheet(HTML) 2 Page - ON Semiconductor

  RSL10SIP Datasheet HTML 1Page - ON Semiconductor RSL10SIP Datasheet HTML 2Page - ON Semiconductor RSL10SIP Datasheet HTML 3Page - ON Semiconductor RSL10SIP Datasheet HTML 4Page - ON Semiconductor RSL10SIP Datasheet HTML 5Page - ON Semiconductor RSL10SIP Datasheet HTML 6Page - ON Semiconductor RSL10SIP Datasheet HTML 7Page - ON Semiconductor RSL10SIP Datasheet HTML 8Page - ON Semiconductor RSL10SIP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SECO−RSL10−CAM−GEVB
www.onsemi.com
2
APPLICATIONS
• Asset Monitoring
• Security
• Smart Agriculture
• Criteria−based Monitoring
FEATURES
• Supports multiple image capture trigger modes
♦ Periodic (1 second to 1 minute intervals)
♦ Continuous video−like stream with less than
1 frame/s on BLE5.0 and above on compatible
mobile devices
♦ Proximity detection
♦ Acceleration
♦ Environment change
• Bluetooth Low Energy connectivity (Bluetooth 5)
enabled by the RSL10 SIP
♦ FOTA (Firmware Over The Air) updates
• Small form Factor (55 x 65 mm)
• Advanced 360 fps imaging provided by the ARX3A0
Mono 65
° DFOV IAS Module
♦ High sensitivity at both visible and NIR wavelength
♦ Ultra low power (3.2 mW)
♦ 1/10” sensor for super compact module
• Auto Exposure feature enabled during image processing
• RSL10 Smartshot Mobile App (GooglePlay) (IOS)
♦ Cloud connectivity to Amazon Web Services
t
(Amazon Rekognition
t)
♦ Image Analytics/AI Engine to detect and identify
objects within an image
• Unprecedented ultra−low power consumption (Standby
and Active Mode ) for battery life >1 year
• Multiple powering options (USB or rechargeable Li−Ion
batteries)
BENEFITS
• Portable
• Long battery life ( > 1 year1) node−to−cloud near turnkey
design for reduced development time
• Multiple trigger functions for various use cases
1. Depending on use mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com