Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C18309G2ABM Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # C18309G2ABM
Description  C18 SERIES ASSEMBLY OPTIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

C18309G2ABM Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  C18309G2ABM Datasheet HTML 1Page - Molex Electronics Ltd. C18309G2ABM Datasheet HTML 2Page - Molex Electronics Ltd. C18309G2ABM Datasheet HTML 3Page - Molex Electronics Ltd. C18309G2ABM Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FORMAT: Met-lega-master-tb-prod-A2
REVISION: E
DATE: 2020/01/14
DOCUMENT STATUS
P1
RELEASE DATE
2020/12/29
10:22:15
PRE-RELEASE
REFERENCE
USE
ONLY
DIMENSION UNITS
SCALE
mm
2:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
MM
INCH
4 PLACES ±
±
3 PLACES ±
±
2 PLACES ±
0.1
±
1 PLACE
±
0.2
±
0 PLACES ±
±
ANGULAR TOL
±
°
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
CURRENT REV DESC: OBSOLETED PART NUMBER
EC NO: 651926
DRWN: ABHISP1
2020/12/02
CHK'D:
GGA
2020/12/29
APPR: GGA
2020/12/29
INITIAL REVISION:
DRWN: JOCONNOR
2011/05/04
APPR: EFOLAN
2011/05/24
THIRD ANGLE PROJECTION
DRAWING
SERIES
A2-SIZE 121023
C18 SERIES
INTERNAL THREAD
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
SD-121023-001
PSD 001
P
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
2 OF 2
PART No.
mPm PART No.
1210230229
C18209G21
1210230231
C18209G22
1210230233
C18209G31
-
1210230238
C18209N21
1210230242
C18209N22
1210230244
C18209N23
1210230245
C18209N24
1210230246
C18209N25
1210230249
C18209N2A
1210230251
C18209N31
1210230252
C18209N61
1210230253
C18209N62
1210230254
C18209T21
1210230271
C18211G21
1210230278
C18211N21
1210230282
C18211N23
1210230283
C18211N24
1210230284
C18211N61
1210230286
C18211T21
1210230305
C18212N21
1210230315
C18213G21
1210230319
C18213N21
1210230328
C18239G21
1210230331
C18241N21
1210230336
C18309G21
1210230337
C18309G22
1210230341
C18309N21
1210230345
C18309N23
1210230346
C18309N24
1210230352
C18309N2G
1210230354
C18309N61
1210230356
C18309N64
1210230358
C18309T21
1210230364
C18309W21
1210230367
C18309W23
1210230372
C18311G21
1210230373
C18311G22
1210230374
C18311G61
1210230377
C18311N21
1210230378
C18311N22
1210230379
C18311N31
1210230382
C18311N61
1210230384
C18311T21
1210230388
C18311W21
1210230400
C18312N21
1210230401
C18312N22
1210230410
C18313G21
1210230414
C18313N21
1210230415
C18313N22
1210230421
C18339N23
1210230422
C18339N2C
1210230645
C183M6N21
1210230656
C183M6G21
1210230660
C183M0N21
1210230662
C182M0N21
1210230677
C182M6N21
1210230704
C182M6N22
1210230718
C182M6G21
1210230741
C183M0N2G
1210230745
C18209N91
1210230763
C18311W2G
1210230768
C18213T22
1210230780
C18312N23
1210230793
C18309N2A
DESCRIPTION
TYPE A 2P PG9 GRAY, NBR PROFILE GASKET & SCREW
TYPE A 2P PG9 GRAY, NBR FLAT GASKET & SCREW
TYPE A 2P PG9 GRAY, NBR PROFILE GASKET & SCREW
-
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 2P PG9 BLACK, NBR FLAT GASKET & SCREW
TYPE A 2P PG9 BLACK, WHITE SILICONE PROFILE GASKET & SCREW
TYPE A 2P PG9 BLACK, WHITE SILICONE FLAT GASKET & SCREW
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET, NO SCREW
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET & SCREW +2mm
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 2P PG9 BLACK, NBR FLAT GASKET & SCREW
TYPE A 2P PG9 TRANSPARENT, NBR PROFILE GASKET & SCREW
TYPE A 2P PG11 GRAY, NBR PROFILE GASKET & SCREW
TYPE A 2P PG11 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 2P PG11 BLACK, WHITE SILICONE PROFILE GASKET & SCREW
TYPE A 2P PG11 BLACK, WHITE SILICONE FLAT GASKET & SCREW
TYPE A 2P PG11 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 2P PG11 TRANSPARENT, NBR PROFILE GASKET & SCREW
TYPE A 2P 1/2” GAS BLACK, NBR PROFILE GASKET & SCREW
TYPE A 2P 1/2” NPTF GRAY, NBR PROFILE GASKET & SCREW
TYPE A 2P 1/2” NPTF BLACK, NBR PROFILE GASKET & SCREW
TYPE A 2P PG9 W/STRAIN RELIEF GRAY, NBR PROFILE GASKET & SCREW
TYPE A 2P PG11 W/STRAIN RELIEF BLACK, NBR PROFILE GASKET & SCREW
TYPE A 3P PG9 GRAY, NBR PROFILE GASKET & SCREW
TYPE A 3P PG9 GRAY, NBR FLAT GASKET & SCREW
TYPE A 3P PG9 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 3P PG9 BLACK, WHITE SILICONE PROFILE GASKET & SCREW
TYPE A 3P PG9 BLACK, WHITE SILICONE FLAT GASKET & SCREW
TYPE A 3P PG9 BLACK, NO GASKET, & STANDARD SCREW
TYPE A 3P PG9 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 3P PG9 BLACK, WHITE SILICONE FLAT GASKET & SCREW
TYPE A 3P PG9 TRANSPARENT, NBR PROFILE GASKET & SCREW
TYPE A 3P PG9 BLACK V0, NBR PROFILE GASKET & SCREW
TYPE A 3P PG9 BLACK V0, WHITE SILICONE PROFILE GASKET & SCREW
TYPE A 3P PG11 GRAY, NBR PROFILE GASKET & SCREW
TYPE A 3P PG11 GRAY, NBR FLAT GASKET & SCREW
TYPE A 3P PG11 GRAY, NBR PROFILE GASKET & SCREW
TYPE A 3P PG11 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 3P PG11 BLACK, NBR FLAT GASKET & SCREW
TYPE A 3P PG11 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 3P PG11 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 3P PG11 TRANSPARENT, NBR PROFILE GASKET & SCREW
TYPE A 3P PG11 BLACK V0, NBR PROFILE GASKET & SCREW
TYPE A 3P 1/2" GAS BLACK, NBR PROFILE GASKET & SCREW
TYPE A 3P 1/2" GAS BLACK, NBR FLAT GASKET & SCREW
TYPE A 3P 1/2" NPTF GRAY, NBR PROFILE GASKET & SCREW
TYPE A 3P 1/2" NPTF BLACK, NBR PROFILE GASKET & SCREW
TYPE A 3P 1/2" NPTF BLACK, NBR FLAT GASKET & SCREW
TYPE A 3P PG9 W/STRAIN RELIEF BLACK, WHITE SILICONE PROFILE GASKET & SCREW
TYPE A 3P PG9 W/STRAIN RELIEF BLACK, WHITE SILICONE PROFILE GASKET, & SCREW +2mm
TYPE A 3P M16x1.5 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 3P M16x1.5 GRAY, NBR PROFILE GASKET & SCREW
TYPE A 3P M20x1.5 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 2P M20x1.5 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 2P M16x1.5 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 2P M16x1.5 BLACK, NBR FLAT GASKET & SCREW
TYPE A 2P M16x1.5 GRAY, NBR PROFILE GASKET & SCREW
TYPE A 3P M20x1.5 BLACK, NO GASKET, & STANDARD SCREW
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET & SCREW
TYPE A 3P PG11 BLACK V0, NO GASKET, & STANDARD SCREW
TYPE A 2P 1/2'' NPTF TRANSPARENT, NBR FLAT GASKET & SCREW
TYPE A 3P 1/2'' GAS BLACK, WHITE SILICONE PROFILE GASKET & SCREW
TYPE A 3P PG9 BLACK, NBR PROFILE GASKET & SCREW +2mm
DESCRIPTION
TYPE A 2P PG9 GRAY, NBR FLAT GASKET, & SCREW +2mm
TYPE A 2P M20x1.5 BLACK, NBR PROFILE GASKET & SCREW +2mm
TYPE A 3P PG9 BLACK, WHITE SILICONE PROFILE GASKET & SCREW
TYPE A 3P PG9 BLACK, INTEGRATED NBR GASKET & IP67 SCREW NOT ASSEMBLED
TYPE A 2P M16x1.5 BLACK, INTEGRATED NBR GASKET & IP67 SCREW ASSEMBLED
TYPE A 2P PG11 GRAY, NBR PROFILE GASKET & SCREW +2mm
TYPE A 2P M20x1.5 GRAY, NBR PROFILE GASKET & SCREW
TYPE A 3P PG11 BLACK, NO GASKET, & STANDARD SCREW
TYPE A 2P PG11 BLACK, NBR PROFILE GASKET & SCREW +2mm
TYPE A 2P PG9 BLACK, NO GASKET, NO SCREW
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET, STAINLESS STEEL SCREW
TYPE A 2P PG9 BLACK, NBR FLAT GASKET, STAINLESS STEEL SCREW
TYPE A 3P PG11 BLACK, NBR PROFILE GASKET, STAINLESS STEEL SCREW
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET & SCREW IN NEUTRAL BAG
TYPE A 2P PG9 BLACK, NBR FLAT GASKET & SCREW IN NEUTRAL BAG
TYPE A 3P PG9 BLACK, NBR PROFILE GASKET & SCREW IN NEUTRAL BAG
TYPE A 3P PG9 BLACK, INTEGRATED NBR GASKET & IP67 SCREW NOT ASSEMBLED W/O PIN No. 3
TYPE A 3P PG9 BLACK, NBR PROFILE GASKET & SCREW, WITH SPECIAL GROMMET
TYPE A 2P PG11 GRAY, NBR PROFILE GASKET & SCREW, FULLY MOUNTED
TYPE A 3P PG11 BLACK, NBR PROFILE GASKET & SCREW, WITH SPECIAL GROMMET
TYPE A 3P PG11 BLACK, NBR PROFILE GASKET & SCREW, SINGLE BAGGED, 500 IN A BOX
TYPE A 3P PG9 BLACK, NO GASKET, NO SCREW
TYPE A 2P PG9 BLACK, NO GASKET, NO SCREW
TYPE A 2P PG9 GRAY, NBR FLAT GASKET WITH SCREW MOUNTED
TYPE A 2P PG9 BLACK, NBR FLAT GASKET WITH SCREW MOUNTED
TYPE A 2P PG11 GRAY, NBR FLAT GASKET WITH SCREW MOUNTED
TYPE A 2P PG11 BLACK, NBR FLAT GASKET WITH SCREW MOUNTED
TYPE A 3P PG9 BLACK, NBR PROFILE GASKET WITH SCREW MOUNTED
TYPE A 3P M20x1.5 BLACK, NBR PROFILE GASKET WITH SCREW MOUNTED
TYPE A 3P M16x1.5 BLACK, NBR PROFILE GASKET WITH SCREW MOUNTED
TYPE A 3P M16x1.5 BLACK, NBR PROFILE GASKET WITH SCREW MOUNTED
TYPE A 3P M16x1.5 BLACK, NBR FLAT GASKET WITH SCREW MOUNTED
TYPE A 3P PG11 BLACK, NBR PROFILE GASKET & SCREW, WITH GOLD TERMINALS
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET & SCREW, FULLY UNMOUNTED
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET & SCREW, IP67 COMPLIANT
TYPE A 2P PG11 GRAY, NBR PROFILE GASKET IP67 COMPLIANT
TYPE A 2P PG11 BLACK, NBR PROFILE GASKET & SCREW, IP67 COMPLIANT
TYPE A 3P PG9 BLACK, NBR PROFILE GASKET & SCREW, IP67 COMPLIANT
TYPE A 3P 1/2'' GAS BLACK, NBR PROFILE GASKET & SCREW IP67 COMPLIANT
TYPE A 2P PG9 GRAY, NBR PROFILE GASKET & SCREW IP67 COMPLIANT
TYPE A 3P M16x1.5 BLACK, NBR PROFILE GASKET & SCREW IP67 COMPLIANT
TYPE A 3P PG9 BLACK, BULK PACK FULLY MOUNTED, NO GASKET
TYPE A 3P PG11 BLACK V0, NBR PROFILE GASKET & SCREW, UL LISTED
TYPE A 2P M16x1.5 BLACK V0, NBR PROFILE GASKET UL LISTED
TYPE A 3P PG11 BLACK, NBR PROFILE GASKET & SCREW, IP67 COMPLIANT
TYPE A 3P PG9 BLACK V0, NBR PROFILE GASKET & SCREW, UL LISTED, IP67 COMPLIANT, SINGLE BAGGED
TYPE A 3P M20x1.5 BLACK V0, NBR PROFILE GASKET WITH SCREW MOUNTED, UL LISTED
TYPE A 3P PG9 BLACK V0, NBR PROFILE GASKET & SCREW, UL LISTED
TYPE A 2P PG11 BLACK V0, NBR PROFILE GASKET & SCREW, UL LISTED
TYPE A 2P PG11 BLACK V0, WHITE SILICONE PROFILE GASKET & SCREW, UL LISTED
TYPE A 3P PG9 BLACK PA6, H12, NBR FLAT GASKET & SCREW
TYPE A 3P 1/2" NPTF TRANSPARENT, NBR FLAT GASKET & SCREW
TYPE A 3P PG9 GRAY, NBR PROFILE GASKET & SCREW, UL LISTED
TYPE A 2P PG9 BLACK, NBR PROFILE GASKET & SCREW, UL LISTED
PART No.
mPm PART No.
1210230800
C18209G2B
1210230803
C182M0N2A
1210230804
C18309N33
1210230807
C18309N2R
1210230825
C182M6N2P
1210230833
C18211G2A
1210230841
C182M0G21
1210240268
C18311N2G
1210240370
C18211N2A
1210240940
C18209N20
1210240133
C18209N210H
1210240154
C18209N220H
1210240378
C18311N210H
1210240139
C18209N2114
1210240156
C18209N2214
1210240224
C18309N2114
1210240755
C18309N2R19
1210240227
C18309N211O
1210240185
C18211G2123
1210240271
C18311N614S
1210240265
C18311N215A
1210230350
C18309N299V
1210240167
C18209N299V
1210230232
C18209G22AF
1210230243
C18209N22AF
1210230274
C18211G22AF
1210230281
C18211N22AF
1210230648
C18309N31AF
1210230678
C183M0N31AF
1210230696
C183M6N21AF
1210230751
C183M6N31AF
1210230801
C183M6N22AF
1210230767
C18311N31BM
1210230728
C18209N21BS
1210230240
C18209N21P7
1210230272
C18211G21P7
1210230279
C18211N21P7
1210230725
C18309N21P7
1210230731
C18312N21P7
1210230732
C18209G21P7
1210230843
C183M6N21P7
1210230849
C18309N2I
1210230739
C18311W21SA
1210230851
C182M6W21SA
1210230853
C18311N21P7
1210230854
C18309W2PSA14
1210230855
C183M0W31AFSA
1210230657
C18309W21SA
1210230809
C18211W21SA
1210230861
C18211W23SA
1210230344
C18309N22
1210230862
C18313T22
1210230870
C18309G21SA
1210230674
C18209W21SA
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
9
10
10
11
11
12
12
13
13
14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com