Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR024 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # IRLR024
Description  Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLR024 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button IRLR024 Datasheet HTML 5Page - Vishay Siliconix IRLR024 Datasheet HTML 6Page - Vishay Siliconix IRLR024 Datasheet HTML 7Page - Vishay Siliconix IRLR024 Datasheet HTML 8Page - Vishay Siliconix IRLR024 Datasheet HTML 9Page - Vishay Siliconix IRLR024 Datasheet HTML 10Page - Vishay Siliconix IRLR024 Datasheet HTML 11Page - Vishay Siliconix IRLR024 Datasheet HTML 12Page - Vishay Siliconix IRLR024 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 27-Dec-2021
2
Document Number: 91362
For technical questions, contact: hvmos.techsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTION 2: FACILITY CODE = N
Notes
• Dimensioning and tolerancing per ASME Y14.5M-1994
• All dimension are in millimeters, angles are in degrees
• Heat sink side flash is max. 0.8 mm
DIM.
MIN.
NOM.
MAX.
DIM.
MIN.
NOM.
MAX.
A
2.180
2.285
2.390
D2
5.380
-
-
A1
0.890
1.015
1.140
E
6.350
6.540
6.730
b
0.640
0.765
0.890
E1
4.32
-
-
b1
0.640
0.715
0.790
e
2.29 BSC
b2
0.760
0.950
1.140
L
8.890
9.270
9.650
b3
0.760
0.900
1.040
L1
1.910
2.100
2.290
b4
4.950
5.205
5.460
L2
0.890
1.080
1.270
c
0.460
-
0.610
L3
1.140
1.330
1.520
c1
0.410
-
0.560
L4
1.300
1.400
1.500
c2
0.460
-
0.610
1
0°
7.5°
15°
D
5.970
6.095
6.220
24°
-
-
D1
4.300
-
-
ECN: E21-0682-Rev. C, 27-Dec-2021
DWG: 5968
E1
θ2
b1, b3
b, b2
Section “B-B” and “C-C”
A1
c
b2
b
e
Ø 1.00
x 0.10 deep
CC
B
B
A
c2
Third angle
projection
E
b4
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com