Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD08RM0AB-R Datasheet(PDF) 3 Page - C&K Components

Part # CD08RM0AB-R
Description  8mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CD08RM0AB-R Datasheet(HTML) 3 Page - C&K Components

  CD08RM0AB-R Datasheet HTML 1Page - C&K Components CD08RM0AB-R Datasheet HTML 2Page - C&K Components CD08RM0AB-R Datasheet HTML 3Page - C&K Components CD08RM0AB-R Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
.060
(1,52)
.220
(5,59)
.130
(3,3)
.151
(3,84)
.300
(7,62)
DIA.
0
H
H–30
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
SWITCH FUNCTION
CD Series
8mm DIP Coded Rotary Switches
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
0
PIN 1
INDICATOR
PIN 1
INDICATOR
0
9
1
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
PIN 1
INDICATOR
F 1
0
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
A B C D E F
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
A B C D E F
.036
(0,91)
.040
(1,02)
.126
(3,2)
.120 DIA.
(3,05)
.080
(2,03)
0
9
1
FLUSH ACTUATOR
0
9
1
.025 TYP.
(0,64)
.100
(2,54)
ACTUATOR
CD08R 8 POSITION, BCD
ACTUATOR COLOR: WHITE
CD08C 8 POSITION, BCD COMPLEMENT
ACTUATOR COLOR: BLACK
CD10R 10 POSITION, BCD
ACTUATOR COLOR: WHITE
CD10C 10 POSITION, BCD COMPLEMENT
ACTUATOR COLOR: BLACK
CD16R 16 POSITION, HEXADECIMAL
ACTUATOR COLOR: WHITE
CD16C 16 POSITION, HEXADECIMAL COMPLEMENT
ACTUATOR COLOR: BLACK
M0 (STD.) FLUSH WITH SCREWDRIVER SLOT
L1
EXTENDED WITH SCREWDRIVER SLOT
K1 KNOB
NOTE: Designed for #0 Phillips screwdriver.
Switches ship and to be solder processed in
position “0”
Switches ship and to be solder processed in
position “0”
Switches ship and to be solder processed in
position “0”
Switches ship and to be solder processed in
position “7”
Switches ship and to be solder processed in
position “7”
Switches ship and to be solder processed in
position “F”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com