Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA862 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA862
Description  Silicon epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA862 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA862 Datasheet HTML 1Page - Panasonic Semiconductor MA862 Datasheet HTML 2Page - Panasonic Semiconductor MA862 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Band Switching Diodes
2
MA4X862
IF  VF (Between 1 − 4)
rf  f
IR  VR (Between 2 − 3)
IR  VR (Between 1 − 4)
IF  VF (Between 2 − 3)
rf  f
rf  IF
rf  IF
CD  VR
10−3
0
0.2
0.4
0.6
0.8
1.0
1.2
10−2
10−1
1
10
102
Forward voltage V
F
(V)
12
43
Ta
= 85°C
50
°C 25°C
− 20°C
0.01
0
0.2
0.4
0.6
1.0
0.8
1.2
0.1
1
10
0.03
0.3
3
30
100
Forward voltage V
F
(V)
12
43
Ta
= 85°C
50
°C
25
°C
− 20°C
0.01
0
1020304050
60
0.1
1
10
0.03
0.3
3
100
30
Reverse voltage V
R
(V)
Ta
= 25°C
12
43
0.01
0
1020304050
60
0.1
1
10
0.03
0.3
3
100
30
Reverse voltage V
R
(V)
Ta
= 25°C
12
43
0
4
2
6
8
110
3
30
100
Frequency f (MHz)
IF
= 2 mA
Ta
= 25°C
rf Tester: TDC-121A
0
12
10
8
6
4
2
110
3
30
100
50
20
5
2
Frequency f (MHz)
IF
= 2 mA
Ta
= 25°C
rf Tester: YHP4191A
0
0.1
0.8
0.4
1.2
2.0
1.6
2.4
110
0.3
3
30
100
Forward current I
F
(mA)
f
= 1 000 MHz
Ta
= 25°C
rf Tester: TDC-121A
0
0.1
0.8
1.6
2.4
3.2
2.8
2.0
1.2
0.4
1
10
100
0.3
3
30
Forward current I
F
(mA)
f
= 1 000 MHz
Ta
= 25°C
rf Tester: YHP4191A
0
010
20
30
40
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com