Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCC0APC Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0APC
Description  Bulk Cables
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0APC Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0APC Datasheet HTML 1Page - Balluff Korea Ltd. BCC0APC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulk Cables
BCC 0000-0000-00-003-EX44W6-10X
Order Code: BCC0APC
Internet
www.balluff.com
eCl@ss 9.1: 27-06-20-11
Subject to change without notice: 215353
ETIM 6.0: EC001578
BCC0APC_0.45_2022-07-16
1 / 2
1) from cable drum
Basic features
Application
Operating voltage
Electrical connection
Cable
TPE Yellow, 100 m
Cable diameter D
10.67 mm ±0.25 mm
Conductor cross-section
16 AWG
Number of conductors
4
Electrical data
Operating voltage Ub
600 VDC / 600 VAC
Environmental conditions
Cable temperature, fixed routing
-40...105 °C
Material
Cable jacket, material
TPE
Mechanical data
Cable jacket, color
Yellow
Cable length L
100.00 m
Remarks
Bulk cable: TPE UL listed, 16/4 STOOW/STOOW CSA 105°C 600 V
Connector Drawings
Conductor diagram
Conductor 1: brown
Conductor 2: white
Conductor 3: blue
Conductor 4: black


Similar Part No. - BCC0APC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0AP0 BALLUFF-BCC0AP0 Datasheet
96Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0AP1 BALLUFF-BCC0AP1 Datasheet
100Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0AP2 BALLUFF-BCC0AP2 Datasheet
100Kb / 2P
Double-Ended Cordsets
2023-04-17
BCC0AP3 BALLUFF-BCC0AP3 Datasheet
100Kb / 2P
Double-Ended Cordsets
2023-04-17
BCC0AP4 BALLUFF-BCC0AP4 Datasheet
100Kb / 2P
Double-Ended Cordsets
2024-02-28
More results

Similar Description - BCC0APC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0AEH BALLUFF-BCC0AEH Datasheet
89Kb / 2P
Bulk Cables
0.45_2022-07-16
BCC0AEK BALLUFF-BCC0AEK Datasheet
90Kb / 2P
Bulk Cables
0.44_2022-07-16
BCC0AEN BALLUFF-BCC0AEN Datasheet
90Kb / 2P
Bulk Cables
0.48_2022-07-16
BCC0AEP BALLUFF-BCC0AEP Datasheet
90Kb / 2P
Bulk Cables
0.43_2022-07-16
BCC0AUJ BALLUFF-BCC0AUJ Datasheet
105Kb / 2P
Bulk Cables
0.52_2022-07-14
BCC0C15 BALLUFF-BCC0C15 Datasheet
88Kb / 1P
Bulk Cables
0.45_2022-07-16
BCC0C1A BALLUFF-BCC0C1A Datasheet
89Kb / 2P
Bulk Cables
0.47_2022-07-16
BCC0C1F BALLUFF-BCC0C1F Datasheet
89Kb / 2P
Bulk Cables
0.47_2022-07-16
BCC0E42 BALLUFF-BCC0E42 Datasheet
89Kb / 2P
Bulk Cables
0.48_2022-07-16
BCC0F9F BALLUFF-BCC0F9F Datasheet
90Kb / 2P
Bulk Cables
0.49_2022-07-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com