Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA653 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA653
Description  Silicon planer type (cathode common)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA653 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA653 Datasheet HTML 1Page - Panasonic Semiconductor MA653 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IF(AV) – TC
PD(AV) – IF(AV)
IR – VR
IF – VF
Rth(t) – t
Fast Recovery Diodes (FRD)
MA653
0.01
0
0.4
0.8
1.2
1.6
2.0
0.1
1
10
100
Ta=150˚C
100˚C
25˚C
Forward voltage
VF
(V)
102
0
50
100
150
200
250
300
108
107
106
105
104
103
Ta=150˚C
100˚C
25˚C
Reverse voltage
VR (V)
Average forward current
IF(AV)
(A)
0
12
10
8
6
4
2
012345
6
t0/t1=1/6
1/3
1/2
t1
t0
DC
Case temperature
TC
(˚C)
0
2
1
3
5
4
6
30
50
100
150
t0/t1=1/2
1/3
t1
t0
1/6
DC
Time
t
(s)
10–2
10–1
1
10
102
10–4
10–3
10–2
10–1
110
102
103
104
Without heat sink



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com