Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR310 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # IRFR310
Description  Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFR310 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button IRFR310 Datasheet HTML 5Page - Vishay Siliconix IRFR310 Datasheet HTML 6Page - Vishay Siliconix IRFR310 Datasheet HTML 7Page - Vishay Siliconix IRFR310 Datasheet HTML 8Page - Vishay Siliconix IRFR310 Datasheet HTML 9Page - Vishay Siliconix IRFR310 Datasheet HTML 10Page - Vishay Siliconix IRFR310 Datasheet HTML 11Page - Vishay Siliconix IRFR310 Datasheet HTML 12Page - Vishay Siliconix IRFR310 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 27-Dec-2021
1
Document Number: 91362
For technical questions, contact: hvmos.techsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Case Outline for TO-251AA (High Voltage)
OPTION 1:
Notes
• Dimensioning and tolerancing per ASME Y14.5M-1994
• Dimension are shown in inches and millimeters
• Dimension D and E do not include mold flash. Mold flash shall not exceed 0.13 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
• Thermal pad contour optional with dimensions b4, L2, E1 and D1
• Lead dimension uncontrolled in L3
• Dimension b1, b3 and c1 apply to base metal only
• Outline conforms to JEDEC® outline TO-251AA
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.39
0.086
0.094
D1
5.21
-
0.205
-
A1
0.89
1.14
0.035
0.045
E
6.35
6.73
0.250
0.265
b
0.64
0.89
0.025
0.035
E1
4.32
-
0.170
-
b1
0.65
0.79
0.026
0.031
e
2.29 BSC
2.29 BSC
b2
0.76
1.14
0.030
0.045
L
8.89
9.65
0.350
0.380
b3
0.76
1.04
0.030
0.041
L1
1.91
2.29
0.075
0.090
b4
4.95
5.46
0.195
0.215
L2
0.89
1.27
0.035
0.050
c
0.46
0.61
0.018
0.024
L3
1.14
1.52
0.045
0.060
c1
0.41
0.56
0.016
0.022
1
0'
15'
0'
15'
c2
0.46
0.86
0.018
0.034
2
25'
35'
25'
35'
D
5.97
6.22
0.235
0.245
ECN: E21-0682-Rev. C, 27-Dec-2021
DWG: 5968
Base
metal
Plating
b1, b3
(b, b2)
c1
(c)
Section B - B and C - C
A
c2
c
Lead tip
5
5
(Datum A)
Thermal PAD
E1
4
D1
View A - A
A1
A
A
C
Seating
plane
C
C
B
B
θ1
θ2
B
4
4
4
3
5
L1
L
L3
3 x b2
3 x b
3
b4
E
2 x e
0.010
C
B
M
A
0.25
0.010
B
A
0.25
L2
A
C
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com