Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH450180PNB Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # PLT10HH450180PNB
Description  Meets large current up to 18A max. suitable for power lines.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PLT10HH450180PNB Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  PLT10HH450180PNB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PLT10HH450180PNB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PLT10HH450180PNB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PLT10HH450180PNB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Search Data Sheet
PLT10HH450180PN#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of PLT10HH450180PN# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PLT10HH450180PN%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/27/2022
< List of part numbers with package codes >
PLT10HH450180PNB
PLT10HH450180PNK
PLT10HH450180PNL
Appearance & Shape
Applications
Automotive Usage
Powertrain/Safety
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
B
Bulk(Bag)
50
K
330mm Embossed Tape
500
L
180mm Embossed Tape
125
1 of 4


Similar Part No. - PLT10HH450180PNB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLT10HH450180PN MURATA-PLT10HH450180PN Datasheet
221Kb / 3P
Operating Temperature Range
More results

Similar Description - PLT10HH450180PNB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
DN100 KODENSHI-DN100 Datasheet
178Kb / 4P
Suitable for low voltage large current drivers
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
Suitable for large current
logo
Murata Manufacturing Co...
PLT10HH101150PN MURATA1-PLT10HH101150PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HH1026R0PN MURATA1-PLT10HH1026R0PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HH401100PN MURATA1-PLT10HH401100PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HH501100PN MURATA1-PLT10HH501100PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HN101150P0 MURATA1-PLT10HN101150P0 Datasheet
675Kb / 3P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
PLT10HN401100P0 MURATA1-PLT10HN401100P0 Datasheet
676Kb / 3P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HN450180P0 MURATA1-PLT10HN450180P0 Datasheet
675Kb / 3P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com