Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

533361 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 533361
Description  Electronics module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

533361 Datasheet(HTML) 1 Page - Festo Corporation.

  533361 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electronics module
VMPA1-FB-EMG-8
Part number: 533361
Data sheet
Feature
Value
Diagnostics
Undervoltage of pneumatic valves
Max. no. of valve positions
4
Max. no. of solenoid coils
8
Intrinsic current consumption at load voltage
23 mA
Intrinsic current consumption at operating voltage
8 mA
Nominal pick-up current per solenoid coil
58 mA to 24 ms
Nominal current with current reduction
9 mA after 24 ms
Corrosion resistance class (CRC)
1 - Low corrosion stress
(when installed)
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Product weight
20 g
Housing material
POM
Note on materials
RoHS-compliant
8/9/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 533361

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
533360 FESTO-533360 Datasheet
79Kb / 1P
Electronics module
8/9/22
533369 FESTO-533369 Datasheet
76Kb / 1P
End plate
8/4/22
More results

Similar Description - 533361

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8109875 FESTO-8109875 Datasheet
70Kb / 2P
Electronics module
1/21/22
8109876 FESTO-8109876 Datasheet
69Kb / 2P
Electronics module
1/21/22
533360 FESTO-533360 Datasheet
79Kb / 1P
Electronics module
8/9/22
537984 FESTO-537984 Datasheet
76Kb / 1P
Electronics module
8/9/22
537985 FESTO-537985 Datasheet
74Kb / 1P
Electronics module
8/9/22
537987 FESTO-537987 Datasheet
77Kb / 1P
Electronics module
8/9/22
543332 FESTO-543332 Datasheet
76Kb / 1P
Electronics module
8/9/22
543333 FESTO-543333 Datasheet
79Kb / 1P
Electronics module
8/9/22
543334 FESTO-543334 Datasheet
76Kb / 1P
Electronics module
8/9/22
8066765 FESTO-8066765 Datasheet
81Kb / 1P
Electronics module
8/9/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com